Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 32Page - Texas Instruments TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
P
0.5 PLL _ CLKI
PLL _ C K
D
L
N J.
2
´
´
=
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.5.10 Register 0x08: PLL Control Register 1
The equation for the PLL frequency is:
(2)
J = 4, 5, 6, … 96
D = 0, 1, 2, ... 9999
P = 0,1
Registers 0x08 – 0x0A will only update when the PLL is disabled. To update the J, D, and P coefficients, set
PLL_EN = 0 (Register 0x02, Bit 3) to disable the PLL, update Registers 0x08 – 0x0A, then set PLL_EN = 1 to
activate the PLL.
BIT
NAME
READ / WRITE
DEFAULT
DESCRIPTION
7
PLL_PRESCALE_SEL
R/W
0
PLL P Pre-Scale Select
1: P = 1
0: P = 0
6-0
PLL_J
R/W
001 0000
PLL J Characteristic Multiplier Value
000 0000 … 000 0011: Do not use
000 0100: J=4
…
001 0000: J=16
…
101 1111: J=95
110 0000: J=96
110 0001 ... 111 1111: Do not use
7.5.11 Register 0x09: PLL Control Register 2
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7
PLL_BYPASS
R/W
0
1: Bypasses PLL by setting PLL_CLK = PLL_CLKIN
0: Sets PLL_CLK according to Equation 2
6
0
Reserved
5-0
PLL_D[13:8]
R/W
00 0000
PLL D Mantissa Multiplier Value (LSB)
The complete PLL D value comprises PLL_D[13:8] (MSB) concatenated
with PLLD[7:0] (LSB)
00 0000 0000 0000: D=0000
00 0000 0000 0001: D=0001
…
10 0111 0000 1110: D=9998
10 0111 0000 1111: D=9999
10 0111 0001 0000 ... 11 1111 1111 1111: Do not use
7.5.12 Register 0x0A: PLL Control Register 3
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
PLL_D[7:0]
R/W
0000 0000
PLL D Mantissa Multiplier Value (LSB)
The complete PLL D value comprises PLL_D[13:8] (MSB) concatenated
with PLLD[7:0] (LSB)
00 0000 0000 0000: D=0000
00 0000 0000 0001: D=0001
…
10 0111 0000 1110: D=9998
10 0111 0000 1111: D=9999
10 0111 0001 0000 ... 11 1111 1111 1111: Do not use
36
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com