Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments TAS2553_15 Datasheet HTML 18Page - Texas Instruments TAS2553_15 Datasheet HTML 19Page - Texas Instruments TAS2553_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
P
PLL_CLKIN
1.1 MHz
9.2 MHz
2
£
£
P
PLL_CLKIN
512 kHz
12.288 MHz
2
£
£
P
0.5 PLL _ CLKI
PLL _ C K
D
L
N J.
2
´
´
=
A6
A0
ACK
Acknowledge
I2CDeviceAddressand
Read/WriteBit
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
Feature Description (continued)
7.3.6 Multiple-Byte Read
A multiple-byte data-read transfer is identical to a single-byte data-read transfer except that multiple data bytes
are transmitted by the TAS2553 to the master device as shown in Figure 27. With the exception of the last data
byte, the master device responds with an acknowledge bit after receiving each data byte.
Figure 27. Multiple-Byte Read Transfer
7.3.7 PLL
The TAS2553 has an on-chip PLL to generate the clock frequency for the audio DAC and I-V sensing ADCs. The
programmability of the PLL allows operation from a wide variety of clocks that may be available in the system.
The PLL input supports clocks varying from 512 kHz to 24.576 MHz and is register programmable to enable
generation of required sampling rates with fine resolution. Set Register 0x02, D(3) = 1 to activate the PLL. When
the PLL is enabled, the PLL output clock PLL_CLK is:
(1)
J = 4, 5, 6, … 96
D = 0, 1, 2, ... 9999
P = 0,1
Choose J, D, P such that PLL_CLK = 22.5792 MHz (44.1ksps sampling rate) or 24.5760 MHz (48ksps sampling
rate). Program variable J in Register 0x08, D(6:0). Program variable D in Register 0x09, D(5:0) and Register
0x0A, D(7:0). The default value for D is 0. Program variable P in Register 0x08, D(7). The default value for P is
0.
Register 0x01, D(5:4) sets the PLL_CLKIN input to MCLK, BCLK, or IVCLKIN. Set Register 0x01, D(5:4) = 00 to
use MCLK, 01 to use BCLK, and 10 to use IVCLKIN.
There is also an option to use a 1.8 MHz internal oscillator for PLL_CLKIN. This is useful for systems using the
analog inputs and the I-V sense data returning to a host processor via PDM mode interface. Set Register 0x01,
D(5:4) = 11 to use the 1.8 MHz internal oscillator.
To bypass the PLL, set Register 0x09, D(7) = 1. Deactivate the PLL by setting Register 0x02, D(3) = 0.
When the PLL is enabled, the following conditions must be satisfied:
•
If D = 0, the PLL clock input (PLL_CLKIN) must satisfy:
•
If D
≠ 0, the PLL clock input (PLL_CLKIN) must satisfy:
Figure 28 shows the clock distribution tree and the registers required to set the audio input DAC and the I-V
sense ADC.
16
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com