Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments TAS2553_15 Datasheet HTML 43Page - Texas Instruments TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments TAS2553_15 Datasheet HTML 48Page - Texas Instruments TAS2553_15 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
IN-
VBAT
IN+
OUT-
OUT+
ADDR
PVDD
VBOOST
SW
L2 (opt.)
I2C
I2S
IOVDD
10 nF
C2
22 2F
VREG
VSENSE-
VSENSE+
L1
2.2 2H
1 2F
1 2F
Audio
Input
BIAS
+
-
3.0 V À 5.5 V
AGND
1 2F
L3 (opt.)
To
Speaker
+
-
AVDD
EN
IVCLKIN
5
2
PGND
2
2
3
0.1 2F
C1
10 2F
C3
1 nF
(opt.)
C4
1 nF
(opt.)
0.1 2F
1.65 V À 1.95 V
1.5 V À
3.6 V
I
2C Address Select
Enable
PDM Clock
(opt.)
I
2C Interface
I
2S Interface
0.1 2F
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
8.2.2 Typical Application - Analog Audio Input
Using the analog audio input is very similar to the digital audio input case in Typical Application - Digital Audio
Input, and this section will only discuss the differences from the digital input configuration.
Figure 56. Typical Application Schematic
8.2.2.1 Design Requirements
Table 13. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Audio Input
Analog
Current and Voltage Data Stream
Digital Audio, I2S
Mono or Stereo Configuration
Mono
Max Output Power at 1% THD+N
2.8
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Audio Input/Output
In this application, system considerations require the use of an analog audio input. Note that a digital audio
interface, such as I2S, still needs to be connected to send current and voltage data from the TAS2553 to a
system processor.
The analog inputs to TAS2553 should be ac-coupled to the device terminals to allow decoupling of signal
source's common mode voltage with that of TAS2553's common mode voltage. The input coupling capacitor in
combination with the selected input impedance of TAS2553 forms a high-pass filter.
Fc = 1/(2*π*RinCc)
(3)
Cc = 1/(2*π*RinFc)
(4)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com