Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 33Page - Texas Instruments TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7.5.13 Register 0x0B: Battery Tracking Inflection Point Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
INFLECTION
R/W
1000 1111
Battery Inflection Point Value
0.01733 V per step
0000 0000 = RESERVED
…
0110 1100 = RESERVED
0110 1101 = 3.00 V
…
1111 1101 = 5.49 V
1111 1110 = 5.50 V
1111 1111 = RESERVED
7.5.14 Register 0x0C: Battery Tracking Slope Control Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
SLOPE
R/W
1000 0000
Battery Tracking Slope Value (
ΔVLIM / ΔVBAT)
0.0373 V/V per step
0000 0000 = 1.2 V/V
0000 0001 = 1.237 V/V
…
1111 1101 = 10.675 V/V
1111 1110 = 10.713 V/V
1111 1111 = 10.75 V/V
7.5.15 Register 0x0D: Reserved Register
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-0
R/W
1011 1110
Write to 0xA9 during initialization. See Initialization.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com