Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 34Page - Texas Instruments TAS2553_15 Datasheet HTML 35Page - Texas Instruments TAS2553_15 Datasheet HTML 36Page - Texas Instruments TAS2553_15 Datasheet HTML 37Page - Texas Instruments TAS2553_15 Datasheet HTML 38Page - Texas Instruments TAS2553_15 Datasheet HTML 39Page - Texas Instruments TAS2553_15 Datasheet HTML 40Page - Texas Instruments TAS2553_15 Datasheet HTML 41Page - Texas Instruments TAS2553_15 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
7.5.16 Register 0x0E: Battery Tracking Limiter Attack Rate and Hysteresis Time
BIT
NAME
READ / WRITE
DEFAULT
DESCRIPTION
7-6
HYSTERESIS
R/W
00
Hysteresis before re-arming release time
00 = No hysteresis
01 = 4.36 mV hysteresis
10 = 13.08 mV hysteresis
11 = 30.52 mV hysteresis
5
R/W
0
Write to 1 during initialization. See Initialization.
4-3
APT_DIS_VOLTAGE
R/W
01
VBAT threshold below which Boost APT is disabled and the boost
remains active regardless of Class-D output voltage.
00 = 2.5 V
01 = 2.7 V
10 = 2.9 V
11 = 3.1 V
2-0
ATTACK_TIME
R/W
000
Attack Time
350 µs / dB per step
000 = 20 µs / dB
001 = 370 µs / dB
…
110 = 2120 µs / dB
111 = 2470 µs / dB
7.5.17 Register 0x0F: Battery Tracking Limiter Release Rate
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-4
R/W
00
Reserved. Write only default values.
3-0
REL_TIME
R/W
0100
Release Time
105 ms / dB per step
0000 = 50 ms / dB
0001 = 155 ms / dB
…
1110 = 1520 ms / dB
1111 = 1625 ms / dB
7.5.18 Register 0x10: Battery Tracking Limiter Integration Count Control
Limiter integration affects how the AGC state machine interprets the AGC output voltage trigger threshold.
Increasing the integration count requires more AGC output peaks to exceed the limiter threshold before the
limiter changes its gain.
READ /
BIT
NAME
DEFAULT
DESCRIPTION
WRITE
7-6
UP_DWN_RATIO
R/W
00
Control Integration Count Up/Down Ratio
The UP_DWN_RATIO sets the ratio of the addition to and the subtraction
from the integration count, meaning that the input has to be below the limit
threshold for 4UP_DWN_RATIO counts before the integration count is reduced.
5-0
INT_CNT
R/W
00 0000
Integration Count Control Register
Larger values increase filtering before the attack and decay time are
triggered.
38
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com