Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2553 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 9Page - Texas Instruments TAS2553_15 Datasheet HTML 10Page - Texas Instruments TAS2553_15 Datasheet HTML 11Page - Texas Instruments TAS2553_15 Datasheet HTML 12Page - Texas Instruments TAS2553_15 Datasheet HTML 13Page - Texas Instruments TAS2553_15 Datasheet HTML 14Page - Texas Instruments TAS2553_15 Datasheet HTML 15Page - Texas Instruments TAS2553_15 Datasheet HTML 16Page - Texas Instruments TAS2553_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
IN-
VBAT
IN+
AVDD
AGND
OUT-
OUT+
Oscillator
Boost
Converter
Battery
Monitor
+
¦
PWM
H-
Bridge
PVDD
VBOOST
SW
AGC
I / V
Sense
Ferrite bead
(opt.)
Bias
Control
10 nF
22 2F
VREG
VSENSE-
VSENSE+
2.2 2H
1 2F
1 2F
Audio
Input
BIAS
+
-
AGND
1 2F
Ferrite bead
(opt.)
To
Speaker
+
-
PLL
DAC
PGND
2
2
3
ADC
VBAT
VBOOST
MUX
SCL
MCLK
BCLK
SDA
Digital I/O
& Control
EN
AVDD
IOVDD
WCLK
DIN
DOUT
ADDR
IVCLKIN
TAS2553
www.ti.com
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
7 Detailed Description
7.1 Overview
The TAS2553 is a high efficiency Class-D audio power amplifier with advanced battery current management and
an integrated Class-G boost converter. The TAS2553 provides real-time output current and voltage information to
the host processor via the I2S, LJF, RJF, TDM, DSP, or PDM interface. This output current and voltage
information is useful for speaker protection and sound enhancement algorithms, allowing the host to track the
speaker impedance and to enable usage of lower-cost, wider tolerance speakers reliably pushed to their rated
output power and beyond.
When auto-passthrough mode is enabled, the Class-G boost converter generates the Class-D amplifier supply
rail. During low Class-D output power, the boost improves efficiency by deactivating and connecting VBAT
directly to the Class-D amplifier supply. When high power audio is required, the boost quickly activates to provide
significantly louder audio than a stand-alone amplifier connected directly to the battery.
The battery monitor and AGC work together in the Battery Tracking AGC to automatically adjust the Class-D gain
to reduce battery current at end-of-charge voltage levels, preventing output clipping, distortion and early system
shutdown. The fixed gain is adjustable via I2C. The gain range is -7 dB to +24 dB in 1 dB steps.
In addition to a differential mono analog input, the TAS2553 has built-in a 16-bit D/A converter used with a digital
input. The digital audio interface supports I2S, Left-Justified, Right-Justified, DSP, PDM and TDM modes. Moving
the D/A converter from the digital host processor into the integrated amplifier process provides better dynamic
performance at lower system cost. Additionally, since the PCB routing is digital rather than analog, sensitivity to
external perturbations such as GSM frame-rate noise is decreased at the system level.
Stereo configuration can be achieved with two TAS2553s by using the ADDR terminal to address each TAS2553
seperately. Set ADDR to ground to configure the device for I2C address 0x40 (7-bit). Set ADDR to IOVDD for I2C
address 0x41 (7-bit). Refer to the General I2C Operation section for more details.
7.2 Functional Block Diagram
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com