Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 110 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 110 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 103Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 104Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 105Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 106Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 107Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 108Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 109Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 110Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 111Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 110 / 111 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com