Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) PC87309 Datasheet HTML 23Page - National Semiconductor (TI) PC87309 Datasheet HTML 24Page - National Semiconductor (TI) PC87309 Datasheet HTML 25Page - National Semiconductor (TI) PC87309 Datasheet HTML 26Page - National Semiconductor (TI) PC87309 Datasheet HTML 27Page - National Semiconductor (TI) PC87309 Datasheet HTML 28Page - National Semiconductor (TI) PC87309 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
Configuration
25
www.national.com
2.3.2
Configuration Register Summary
The tables in this section specify the Index, type (read/write),
reset values and configuration register or action that controls
each register associated with each function.
When the reset value is not fixed, the table indicates what
controls the value or points to another section that provides
this information.
Soft reset is related to a reset executed by utilizing the reset
bit (bit 0) of the Configuration Control Register. (See TABLE
2-4 "Plug and Play (PnP) Standard Control Registers" on
page 22.
Access to the KBC Configuration Registers for Logical De-
vice 6 (see TABLE 2-17 "KBC Configuration Registers for
Keyboard - Logical Device 6" on page 28) is controlled by
bit 4 of the SIOCF1 Register. Setting this bit to 1 locks the
KBC Configuration Registers and disables access to Logi-
cal Device 6. All writes are ignored and all reads return 0
when you attempt to access the locked registers. However,
locking the KBC configuration registers does not affect ac-
cess to the KBC Command Data and Status Registers.
TABLE 2-10. Card Control Registers
TABLE 2-11. FDC Configuration Registers - Logical Device 0
Index Type
Hard Reset
Soft Reset
Configuration Register or Action
00h
W
00h
PnP ISA
Set RD_DATA Port.
01h
R
Serial Isolation.
02h
W
PnP ISA
PnP ISA
Configuration Control.
03h
W
00h
PnP ISA
Wake[CSN].
04h
R
Resource Data.
05h
R
Status.
06h
R/W
00h
PnP ISA
Card Select Number (CSN).
07h
R/W
00h
PnP ISA
Logical Device Number.
20h
R
E0h
E0h
Read only SID Register.
Bits 2-0 - Revision ID
Bit 7-3 - Chip ID
21h
R/W
See Section 2.4.2.
No Effect
SuperI/O Configuration 1 Register (SIOCF1).
22h
R/W
See Section 2.4.3.
No Effect
SuperI/O Configuration 2 Register (SIOCF2).
27h
R
xx
xx
SRID Register.
Bits 7-0 - Revision ID
2Eh
xx
xx
Reserved for National Semiconductor use only.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h or 01h
See CFG0 in
Section 2.1.1.
00h or 01h
See CFG0 in
Section 2.1.1.
Activate.
See also FER1 of the Power Management device
(Logical Device 4).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
03h
03h
Base Address MSB Register.
Bits 7-3 (for A15-11) are read only, 00000b.
61h
R/W
F2h
F2h
Base Address LSB Register.
Bits 2 and 0 (for A2 and A0) are read only, 0,0.
70h
R/W
06h
06h
Interrupt Select.
71h
R/W
03h
03h
Interrupt Type.
Bit 1 is read/write; other bits are read only.
74h
R/W
02h
02h
DMA Channel Select.
75h
R
04h
04h
Report no DMA assignment.
F0h
R/W
See Section 2.5.1.
No Effect
SuperI/O FDC Configuration Register.
F1h
R/W
See Section 2.5.2.
No Effect
Drive ID Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com