Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87309 Datasheet HTML 1Page - National Semiconductor (TI) PC87309 Datasheet HTML 2Page - National Semiconductor (TI) PC87309 Datasheet HTML 3Page - National Semiconductor (TI) PC87309 Datasheet HTML 4Page - National Semiconductor (TI) PC87309 Datasheet HTML 5Page - National Semiconductor (TI) PC87309 Datasheet HTML 6Page - National Semiconductor (TI) PC87309 Datasheet HTML 7Page - National Semiconductor (TI) PC87309 Datasheet HTML 8Page - National Semiconductor (TI) PC87309 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
- March 1998
www.national.com
© 1998 National Semiconductor Corporation
PRELIMINARY
April 1998
PC87309 SuperI/O Plug and Play Compatible Chip
in Compact 100-Pin VLJ Packaging
Highlights
General Description
The PC87309 is a single-chip solution to the most common-
ly used ISA, EISA and MicroChannel® peripherals in a com-
pact, 100-pin VLJ packaging. This fully Plug and Play (PnP)
and PC97 compatible chip conforms to the
Plug and Play
ISA Specification Version 1.0a, May 5, 1994, and meets
specifications defined in the
PC97 Hardware Design Guide.
The PC87309 incorporates: a Floppy Disk Controller (FDC),
a Mouse and Keyboard Controller (KBC), two enhanced
UARTs, one of which is with Infrared (IR) support, a full
IEEE 1284 parallel port and support for Power Management
(PM). The chip also provides a separate configuration reg-
ister set for each module.
The Infrared (IR) interface complies with the HP-SIR and
SHARP-IR standards, and supports all four basic protocols
for Consumer Remote Control circuitry (RC-5, RC-6, NEC,
RCA and RECS 80).
For flexible UART and IR support, the PC87309 offers two
operation modes:
q
Mode 1: Full-IR Mode
UART1 works as UART; UART2 works as fully IR-
compliant device
q
Mode 2: Two-UART Mode
Either both UARTs work as UARTs, or UART1 works
as UART and UART2 works as partially IR-compliant
device, providing only IRRX and IRTX support
Outstanding Features
q
Full SuperI/O functionality in compact, cost-effective
100-pin VLJ packaging
q
PC97 compliant
PC87309 Block Diagram
High Current Driver
Controller (KBC)
Power Management
(PM) Logic
µP Address
IEEE 1284
Control
Parallel Port
Ports
(Logical Device 4)
(Logical Devices 5 & 6)
Data and
Control
(Logical Device 0)
(Logical Device 1)
Control
Data and
(PnP)
IRQ
DMA
Channels
Plug and Play
Floppy Disk
Controller (FDC)
Floppy Drive
Interface
Mouse and Keyboard
Data
Handshake
Serial
with IR (UART2)
Infrared
(Logical Devices 2)
Serial
(UART1)
Interface
(Logical Devices 3)
Serial Port
Serial Port
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IBM®, MicroChannel®, PC-AT® and PS/2® are registered trademarks of International Business Machines Corporation.
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.


Similar Part No. - PC87309

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87306VUL NSC-PC87306VUL Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
More results

Similar Description - PC87309

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
PC87360 NSC-PC87360 Datasheet
1Mb / 168P
128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PC87364 NSC-PC87364 Datasheet
1Mb / 180P
128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
100-Pin LPC SuperI/O Devices for Portable Applications
logo
SMSC Corporation
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
Plug and Play Compatible Ultra I/O Controller with Fast IR
logo
National Semiconductor ...
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
Plug and Play Compatible Ultra I/O Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com