Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 16Page - National Semiconductor (TI) PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) PC87309 Datasheet HTML 23Page - National Semiconductor (TI) PC87309 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
Configuration
20
www.national.com
TABLE 2-1. Strap Pins and Base Addresses
2.2
SOFTWARE CONFIGURATION
2.2.1
Accessing the Configuration Registers
Only two system I/O addresses are required to access any
of the configuration registers. The Index and Data register
pair is used to access registers for all read and write opera-
tions.
In a write operation, the target configuration register is iden-
tified, based on a value that is loaded into the Index register.
Then, the data to be written into the configuration register is
transferred via the Data register.
Similarly, for a read operation, first the source configuration
register is identified, based on a value that is loaded into the
Index register. Then, the data to be read is transferred via
the Data register.
Reading the Index register returns the last value loaded into
the Index register. Reading the Data register returns the
data in the configuration register pointed to by the Index
register.
If, during reset, the Base Address 1 (BADDR1) signal is low
(0), the Index and Data registers are not accessible imme-
diately after reset. As a result, all configuration registers of
the PC87309VLJ are also not accessible at this time. To ac-
cess these registers, you must apply the PnP ISA protocol.
If during reset, the Base Address 1 (BADDR1) signal is high
(1), all configuration registers are accessible immediately
after reset.
It is up to the configuration software to guarantee no con-
flicts between the registers of the active (enabled) logical
devices, between IRQ signals and between DMA channels.
If conflicts of this type occur, the results are unpredictable.
To maintain compatibility with other SuperI/O‘s, the value of
reserved bits may not be altered. Use read-modify-write.
2.2.2
Address Decoding
The address decoding of all logical devices, as well as the
configuration registers, consists of 11 non-zero address bits
(A10-0) and AEN. The supported I/O range is 0 to 3FFh.
The only non-zero A11 address decoding is the PnP
WRITEA_DATA port at ISA address A79h, when working in
full PnP mode.
In full PnP mode, the addresses of the Index and Data reg-
isters that access the Configuration Registers are decoded
using pins A10-0, according to the ISA PnP specification.
In PnP Motherboard mode, the addresses of the Index and
Data registers that access the Configuration Registers are
decoded using pins A10-1. Pin A0 distinguishes between
these two registers.
KBC and mouse register addresses are decoded using pins
A1,0 and A10-3. Pin A2 distinguishes between the device
registers.
Power Management (PM) register addresses are decoded
using pins A10-1.
FDC and UART register addresses are decoded using pins
A10-3.
Parallel Port (PP) modes determine which pins are used for
register addresses. TABLE 2-2 shows which address pins
are used to decode base address and which address pins
are used to distinguish between registers in each mode.
TABLE 2-2. Address Pins Used for Parallel Port
NOTE: When working with the Parallel Port in ECP mode
and enabling the registers at base (address)+403h,
base+404h, base+405h (the default state) both the
Parallel Port base address and the ECP registers
are 8 byte aligned and take 8 bytes of the I/O
space.
CFG0
BADDR1
BADDR0
Address
Configuration Type
Index Register
Data Register
00
x
0279h
Write Only
Write: 0A79h
Read: RD_DATA Port
Full PnP ISA mode
Full-IR mode
0
1
0
015Ch Read/Write
015Dh Read/Write
PnP Motherboard mode
Full-IR mode
0
1
1
002Eh Read/Write
002Fh Read/Write
PnP Motherboard mode
Full-IR mode
1
x
0
015Ch Read/Write
015Dh Read/Write
PnP Motherboard mode
Two-UART mode
1
x
1
002Eh Read/Write
002Fh Read/Write
PnP Motherboard mode
Two-UART mode
PP Mode
Pins Used to
Decode Base
Address
Pins Used to
Distinguish between
Registers
SPP
A10-2
A1,0
ECP
A9-2
A1,0 and A10
EPP
A10-3
A2-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com