Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 91Page - National Semiconductor (TI) PC87309 Datasheet HTML 92Page - National Semiconductor (TI) PC87309 Datasheet HTML 93Page - National Semiconductor (TI) PC87309 Datasheet HTML 94Page - National Semiconductor (TI) PC87309 Datasheet HTML 95Page - National Semiconductor (TI) PC87309 Datasheet HTML 96Page - National Semiconductor (TI) PC87309 Datasheet HTML 97Page - National Semiconductor (TI) PC87309 Datasheet HTML 98Page - National Semiconductor (TI) PC87309 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
Parallel Port (Logical Device 1)
95
www.national.com
Once DRQ is asserted, it is held asserted for four DMA
transfers, as long as the FIFO is able to process these
four transfers, i.e., FIFO not empty backward.
When these four transfers are done, the DRQ behaves
as follows:
— If DMA fairness prevents DRQ assertion (as in the
case of 32 consecutive DMA transfers) then DRQ
becomes low.
— If the FIFO is not able to process another four trans-
fers (below threshold), then DRQ is becomes low.
— If the FIFO is able to process another four transfers
(still above the threshold and no fairness to prevent
DRQ assertion), then DRQ is held asserted as de-
tailed above.
The flush time-out is an 8-bit counter that counts 256
clocks of 24 MHz and triggers DRQ assertion when the
terminal-count is reached, i.e., when flush time-out ex-
pires). The counter is enabled for counting backward
when the peripheral state machine writes a byte and
DRQ is not asserted. Once enabled, it counts the 24
MHz clocks. The counter is reset and disabled when
DRQ is asserted. The counter is also reset and disabled
for counting forward and when demand the DMA is dis-
abled.
This mechanism is reset whenever ECP mode is
changed, the same way the FIFO is flushed in this case.
0: Disabled.
1: Enabled.
Bit 7 - Bit 3 of CNFGA
This bit may be utilized by the user. The value of this bit
is reflected on bit 3 of the ECP CNFGA register.
4.6
DETAILED ECP MODE DESCRIPTIONS
TABLE 4-11 "ECP Modes" on page 96 summarizes the func-
tionality of the ECP in each mode. The following Sections de-
scribe how the ECP functions in each mode, in detail.
4.6.1
Software Controlled Data Transfer (Modes 000
and 001)
Software controlled data transfer is supported in modes 000
and 001. The software generates peripheral-device cycles
by modifying the DATAR and DCR registers and reading
the DSR, DCR and DATAR registers. The negotiation
phase and nibble mode transfer, as defined in the IEEE
1284 standard, are performed in these modes.
In these modes the FIFO is reset (empty) and is not func-
tional, the DMA and RLE are idle.
Mode 000 is for the forward direction only; the direction bit
(bit 5 of DCR) is forced to 0 and PD7-0 are driven. Mode 001
is for both the forward and backward directions. The direc-
tion bit controls whether or not pins PD7-0 are driven.
4.6.2
Automatic Data Transfer (Modes 010 and 011)
Automatic data transfer (ECP cycles generated by hard-
ware) is supported only in modes 010 and 011 (Parallel Port
and ECP FIFO modes). Automatic DMA access to fill or
empty the FIFO is supported in modes 010, 011 and 110.
Mode 010 is for the forward direction only; the direction bit
is forced to 0 and PD7-0 are driven. Mode 011 is for both
the forward and backward directions. The direction bit con-
trols whether PD7-0 are driven.
Automatic Run Length Expanding (RLE) is supported in the
backward direction.
Forward Direction (Bit 5 of DCR = 0)
When the ECP is in forward direction and the FIFO is not full
(bit 1 of ECR is 0) the FIFO can be filled by software writes
to the FIFO registers (AFIFO and DFIFO in mode 011, and
CFIFO in mode 010).
When DMA is enabled (bit 3 of ECR is 1 and bit 2 of ECR is
0) the ECP automatically issues DMA requests to fill the
FIFO with data bytes (not including command bytes).
When the ECP is in forward direction and the FIFO is not
empty (bit 0 of ECR is 0) the ECP pops a byte from the FIFO
and issues a write signal to the peripheral device. The ECP
drives AFD according to the operation mode (bits 7-5 of
ECR) and according to the tag of the popped byte as fol-
lows:
q
In Parallel Port FIFO mode (mode 010) AFD is con-
trolled by bit 1 of DCR.
q
In ECP mode (mode 011) AFD is controlled by the
popped tag. AFD is driven high for normal data bytes
and driven low for command bytes.
ECP (Forward) Write Cycle
An ECP write cycle starts when the ECP drives the popped
tag onto AFD and the popped byte onto PD7-0. When
BUSY is low the ECP asserts STB. In 010 mode the ECP
deactivates STB to terminate the write cycle. In 011 mode
the ECP waits for BUSY to be high.
When BUSY is high, the ECP deactivates STB, and chang-
es AFD and PD7-0 only after BUSY is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com