Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 64Page - National Semiconductor (TI) PC87309 Datasheet HTML 65Page - National Semiconductor (TI) PC87309 Datasheet HTML 66Page - National Semiconductor (TI) PC87309 Datasheet HTML 67Page - National Semiconductor (TI) PC87309 Datasheet HTML 68Page - National Semiconductor (TI) PC87309 Datasheet HTML 69Page - National Semiconductor (TI) PC87309 Datasheet HTML 70Page - National Semiconductor (TI) PC87309 Datasheet HTML 71Page - National Semiconductor (TI) PC87309 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
68
www.national.com
3.7.13
The READ A TRACK Command
The READ A TRACK command reads sectors from the se-
lected drive, in physical order, and makes the data available
to the host.
Command Phase
The command phase bytes of the READ A TRACK com-
mand are like those of the READ DATA command, except
for the MT and SK bits. Multi-track and skip operations are
not allowed in the READ A TRACK command. Therefore,
bits 7 and 5 of the opcode command phase byte (MT and
SK, respectively) must be 0.
First Command Phase Byte, Opcode
See “Bit 6 - Modified Frequency Modulation (MFM)” on
page 57.
Second Command Phase Byte
See “Second Command Phase Byte” on page 57 for a
description of the Drive Select (DS1,0) and Head Select
(HD) bits.
See “Bit 5 - Implied Seek (IPS)” on page 60 for a de-
scription of the Implied Seek (IPS) bit.
Third through Ninth Command Phase Bytes
See Section 3.7.10 on page 64.
Execution Phase
Data read from the disk drive is transferred to the system in
DMA or non-DMA modes. See Section 3.4.2 on page 45.
Execution of this command is like execution of the READ
DATA command except for the following differences:
q
The controller waits for a pulse from the INDEX signal
before it searches for the address field of a sector.
If the microprocessor writes to the FIFO before the IN-
DEX pulse is detected, the command enters the result
phase with the Interrupt Code (IC) bits (bits 7,6) in ST0
set to abnormal termination (01).
q
All the ID bytes of the sector address are compared, ex-
cept the sector number. Instead, the sector number is
set to 1, and then incremented for each successive sec-
tor read.
q
If no match occurs when the ID bytes of the sector ad-
dress are compared, the controller sets the Missing
Data bit (bit 2) in ST1, but continues to read the sector.
If there is a CRC error in the address field being read,
the controller sets CRC Error (bit 5) in ST1, but contin-
ues to read the sector.
q
If there is a CRC error in the data field, the controller
sets the CRC Error bit (bit 5) in ST1 and CRC Error in
Data Field bit (bit 5) in ST2, but continues reading sec-
tors.
q
The controller reads a maximum of End of Track (EOT)
physical sectors. There is no support for multi-track
reads.
Result Phase
3.7.14
The RECALIBRATE Command
The RECALIBRATE command issues pulses that make the
head of the selected drive step out until it reaches track 0.
Command Phase
Second Command Phase Byte
See “Second Command Phase Byte” on page 57 for a
description of the Drive Select (DS1,0) and Head Select
(HD) bits.
Execution Phase
After the last command byte is issued, the Drive Busy bit for
the selected drive is set in the Main Status Register (MSR).
See bits 3-0 in Section 3.3.5 on page 42.
The controller waits the Delay Before Processing time (see
TABLE 3-24 on page 74) for the selected drive., and then
becomes idle. See Section 3.4.4 on page 47.
Then, the controller issues pulses until the TRK0 disk inter-
face input signal becomes active or until the maximum num-
ber of RECALIBRATE step pulses have been issued.
TABLE 3-19 on page 69 shows the maximum number of
RECALlBRATE step pulses that may be issued, depending
on the RECALIBRATE Step Pulses (R255) bit, bit 0 in the
second command phase byte of the MODE command
(page 60), and the Extended Track Range (ETR) bit, bit 4 of
the third command byte of the MODE command (see Sec-
tion 3.7.7 on page 60).
If the number of tracks on the disk drive exceeds the maxi-
mum number of RECALIBRATE step pulses, it may be nec-
essary to issue another RECALIBRATE command.
76543210
0
MFM
000010
IPS
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
76543210
00000111
XXXXX
HD
DS1
DS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com