Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 77Page - National Semiconductor (TI) PC87309 Datasheet HTML 78Page - National Semiconductor (TI) PC87309 Datasheet HTML 79Page - National Semiconductor (TI) PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 192 page
background image
Parallel Port (Logical Device 1)
81
www.national.com
If bit 5 of CTR is cleared to 0, data is written to the output
signals PD7-0 when a write cycle occurs. (if a read cycle oc-
curs in this setting, the system reads the output latch, not
data from PD7-0).
If bit 5 of CTR is set to 1, data is read from the output signals
PD7-0 when a read cycle occurs. A write cycle in this setting
only writes to the output latch, not to the output signals PD7-
0.
The reset value of this register is 0.
4.2.3
Status Register (STR)
This read-only register holds status information. A system
write operation to STR is an invalid operation that has no ef-
fect on the parallel port.
Bit 0 - Time-Out Status
In EPP modes only, this is the time-out status bit. In all
other modes this bit has no function and has the con-
stant value 1.
This bit is cleared when an EPP mode is enabled.
Thereafter, this bit is set to 1 when a time-out occurs in
an EPP cycle and is cleared when STR is read.
In EPP modes:
0: An EPP mode is set. No time-out occurred since
STR was last read.
1: Time-out occurred on EPP cycle (minimum of 10
µsec). (Default)
Bit 1 - Reserved
This bit is reserved and is always 1.
Bit 2 - IRQ Status
In all modes except SPP Extended, this bit is always 1.
In SPP Extended mode this bit is the IRQ status bit. It re-
mains high unless the interrupt request is enabled (bit 4 of
CTR set high). This bit is high except when latched low
when the ACK signal makes a low to high transition, indi-
cating a character is now being transferred to the printer.
Reading this bit resets it to 1.
0: Interrupt requested in SPP Extended mode.
1: No interrupt requested. (Default)
Bit 3 - ERR Status
This bit reflects the current state of the printer error sig-
nal, ERR. The printer sets this bit low when there is a
printer error.
0: Printer error.
1: No printer error.
Bit 4 - SLCT Status
This bit reflects the current state of the printer select sig-
nal, SLCT. The printer sets this bit high when it is on-line
and selected.
0: No printer selected.
1: Printer selected and online.
Bit 5 - PE Status
This bit reflects the current state of the printer paper end
signal (PE). The printer sets this bit high when it detects
the end of the paper.
0: Printer has paper.
1: End of paper in printer.
Bit 6 - ACK Status
This bit reflects the current state of the printer acknowl-
edge signal, ACK. The printer pulses this signal low af-
ter it has received a character and is ready to receive
another one. This bit follows the state of the ACK pin.
0: Character reception complete.
1: No character received.
Bit 7 - Printer Status
This bit reflects the current state of the printer BUSY sig-
nal. The printer sets this bit low when it is busy and can-
not accept another character.
This bit is the inverse of the (BUSY/WAIT) pin.
0: Printer busy.
1: Printer not busy.
4.2.4
SPP Control Register (CTR)
The control register provides all the output signals that con-
trol the printer. Except for bit 5, it is a read and write register.
Normally when the Control Register (CTR) is read, the bit
values are provided by the internal output data latch. These
bit values can be superseded by the logic level of the STB,
AFD, INIT, and SLIN signals, if these signals are forced high
or low by external voltage. To force these signals high or
low the corresponding bits should be set to their inactive
states (e.g., AFD, STB and SLIN should all be 0; INIT
should be 1).
76543210
Reset
Required
0
0
0
0
0
0
0
0
SPP Data Register
(DTR)
Offset 00h
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
76543210
Reset
Required
1
1
1
1
1
1
1
1
SPP Status Register
(STR)
Offset 01h
IRQ Status
SLCT Status
PE Status
ACK Status
Printer Status
Time-Out Status
Reserved
ERR Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com