Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 12Page - National Semiconductor (TI) PC87309 Datasheet HTML 13Page - National Semiconductor (TI) PC87309 Datasheet HTML 14Page - National Semiconductor (TI) PC87309 Datasheet HTML 15Page - National Semiconductor (TI) PC87309 Datasheet HTML 16Page - National Semiconductor (TI) PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
Signal/Pin Connection and Description
16
www.national.com
IRSL0
IRSL1
IRSL2
100
98
96
UART2
Output
Group 12
Infrared Control Signals 0, 1 and 2 – These signals control the
Infrared analog front end. The pins on which these signals are driven
is determined by the SuperI/O Configuration 2 register (index 22h).
SeeTABLE 1-2 for more information.
IRSL0 is multiplexed on pin 100 with SOUT2, IRRX2 and ID0, and is
available only in Full-IR mode.
IRSL1 is multiplexed on pin 98 with RTS2 and ID1, and is available
only in Full-IR mode.
IRSL2 is multiplexed on pin 96 with DTR2, BOUT2 and ID2, and is
available only in Full-IR mode.
IRTX
44
UART2
Output
Group 12
Infrared Transmit – Infrared serial output data.
This signal is multiplexed with DENSEL only in Two-UART mode.
KBCLK
59
KBC
I/O
Group 6
Keyboard Clock – This I/O pin transfers the keyboard clock between
the SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to the internal TO signal of the KBC.
KBDAT
60
KBC
I/O
Group 6
Keyboard Data – This I/O pin transfers the keyboard data between
the SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s P10.
MCLK
61
KBC
I/O
Group 6
Mouse Clock – This I/O pin transfers the mouse clock between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s T1.
MDAT
62
KBC
I/O
Group 6
Mouse Data – This I/O pin transfers the mouse data between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s P11.
MR
34
ISA-Bus
Input
Group 1
Master Reset – An active high MR input signal resets the controller
to the idle state, and resets all disk interface output signals to their
inactive states. MR also clears the DOR, DSR and CCR registers,
and resets the MODE command, CONFIGURE command, and LOCK
command parameters to their default values. MR does not affect the
SPECIFY command parameters. MR sets the configuration registers
to their selected default values.
MTR1,0
46,45
FDC
Output
Group 11
Motor Select 1,0 – These motor enable lines for drives 0 and 1 are
controlled by bits D7-4 of the Digital Output Register (DOR). They are
output signals that are active when they are low. They are encoded with
information to control four FDDs when bit 7 of the SuperI/O FDC
Configuration register is set See TABLE 1-2 for more information. See
DR1,0.
MTR0 is multiplexed with DRATE0 only in Two-UART mode.
MTR1 is multiplexed with P12 only in Two-UART mode.
P12
94, 46 or
43
KBC
I/O
Group 7
I/O Port – KBC quasi-bidirectional port for general purpose input and
output.
P12 is multiplexed on pin 43 with IRRX1 and DRATE0, on pin 46 with
MTR1, and on pin 94 with DCD2.
P21,P20
64,63
KBC
I/O
Group 7
I/O Port – KBC open-drain signals for general purpose input and
output. These signals are controlled by KBC firmware.
PD7-0
82-75
Parallel Port
I/O
Group 9
Parallel Port Data – These bidirectional signals transfer data to and
from the peripheral data bus and the appropriate parallel port data
register. These signals have a high current drive capability. See
Section 10.1.
PE
70
Parallel Port
Input
Group 2
Group 3
Paper End – This input signal is set high by the printer when it is out
of paper. This pin has an internal weak pull-up or pull-down resistor.
RDATA
54
FDC
Input
Group 1
Read Data – This input signal holds raw serial data read from the
Floppy Disk Drive (FDD).
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com