Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) PC87309 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
Parallel Port (Logical Device 1)
84
www.national.com
4.3.6
EPP Data Register 0 (DATA0)
DATA0 is a read/write register. Accessing it initiates device
read or write operations of bits 7 through 0.
4.3.7
EPP Data Register 1 (DATA1)
DATA1 is only accessed to transfer bits 15 through 8 of a
16-bit read or write to EPP Data Register 0 (DATA0).
4.3.8
EPP Data Register 2 (DATA2)
This is the third EPP data register. It is only accessed to
transfer bits 16 through 23 of a 32-bit read or write to EPP
Data Register 0 (DATA0).
4.3.9
EPP Data Register 3 (DATA3)
This is the fourth EPP data register. It is only accessed to
transfer bits 24 through 31 of a 32-bit read or write to EPP
Data Register 0 (DATA0).
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Address
Register (ADDR)
Offset 03h
EPP Device or
Register Selection
A2
A4
A5
A6
A7
A0
A1
A3
Address Bits
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 0
(DATA0)
Offset 04h
EPP Device
Read or Write Data
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 1
(DATA1)
Offset 05h
D10
D12
D13
D14
D15
D8
D9
D11
EPP Device
Read or Write Data
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 2
(DATA2)
Offset 06h
D18
D20
D21
D22
D23
D16
D17
D19
EPP Device
Read or Write Data
76543210
Reset
Required
0
0
0
0
0
0
0
0
EPP Data Register 3
(DATA3)
Offset 07h
D26
D28
D29
D30
D31
D24
D25
D27
EPP Device
Read or Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com