Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 35Page - National Semiconductor (TI) PC87309 Datasheet HTML 36Page - National Semiconductor (TI) PC87309 Datasheet HTML 37Page - National Semiconductor (TI) PC87309 Datasheet HTML 38Page - National Semiconductor (TI) PC87309 Datasheet HTML 39Page - National Semiconductor (TI) PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) PC87309 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
39
www.national.com
3.3.2
Status Register B (SRB)
Status Register B (SRB) is a read-only diagnostic register
that is valid only in PS/2 drive mode.
SRB can be read at any time while PS/2 drive mode is ac-
tive. In PC-AT drive mode, all bits are in TRI-STATE during
a microprocessor read.
Bit 0 - Motor 0 Status (MTR0)
This bit indicates the complement of the MTR0 output
pin.
This bit is cleared to 0 by a hardware reset and unaffect-
ed by a software reset.
0: MTR0 not active; motor 0 off (default).
1: MTR0 active; motor 0 on.
Bit 1 - Motor 1 Status (MTR1)
This bit indicates the complement of the MTR1 output
pin.
This bit is cleared to 0 by a hardware reset and unaffect-
ed by a software reset.
0: MTR1 not active; motor 1 off (default).
1: MTR1 active.; motor 1 on.
Bit 2 - Write Circuitry Status (WGATE)
This bit indicates the complement of the WGATE output
pin.
0: WGATE not active. The write circuitry of the select-
ed FDD is enabled (default).
1: WGATE active. The write circuitry of the selected
FDD is disabled.
Bit 3 - Read Data Status (RDATA)
If read data was sent, this bit indicates whether an odd
or even number of bits was sent.
Every inactive edge transition of the RDATA disk inter-
face output signal causes this bit to change state.
0: Either no read data was sent or an even number of
bits of read data was sent. (Default)
1: An odd number of bits of read data was sent.
Bit 4 - Write Data Status (WDATA)
If write data was sent, this bit indicates whether an odd
or even number of bits was sent.
Every inactive edge transition of the WDATA disk inter-
face output signal causes this bit to change state.
0: Either no write data was sent or an even number of
bits of write data was sent. (Default)
1: An odd number of bits of write data was sent.
Bit 5 - Drive Select Status
This bit reflects the status of drive select bit 0 in the Dig-
ital Output Register (DOR). See Section 3.3.3.
It is cleared after a hardware reset and unaffected by a
software reset.
0: Either drive 0 or 2 is selected. (Default)
1: Either drive 1 or 3 is selected.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
3.3.3
Digital Output Register (DOR)
DOR is a read/write register that can be written at any time.
It controls the drive select and motor enable disk interface
output signals, enables the DMA logic and contains a soft-
ware reset bit.
The contents of the DOR is set to 00h after a hardware re-
set, and is unaffected by a software reset.
TABLE 3-2 shows how the bits of DOR select a drive and
enable a motor when the FDC is enabled (bit 3 of the Func-
tion Enable Register 1 (FER1) at offset 00h of logical device
8 is 1) and bit 7 of the SuperI/O FDC Configuration register
at index F0h is 1. Bit patterns not shown produce states that
should not be decoded to enable any drive or motor.
When the FDC is enabled and bit 7 of the of the SuperI/O
FDC Configuration register at index F0h is 1, MTR1 pre-
sents a pulse that is the inverse of WR. This pulse is active
whenever an I/O write to address 02h occurs. This pulse is
delayed for between 25 and 80 nsec after the leading edge
of WR. The leading edge of this pulse can be used to clock
data into an external latch (e.g., 74LS175).
TABLE 3-2. Drive and Motor Pin Encoding for Four
Drive Configurations and Drive Exchange Support
76543210
Reset
Required
0
0
0
0
0
0
1
1
1
1
SRB Register
Offset 01h
WGATE
WDATA
Drive Select Status
Reserved
Reserved
MTR0
MTR1
RDATA
PS/2 Drive Mode
Digital Output
Register Bits
Control
Signals
Decoded Functions
MTR DR
765432101010
x x x1x x0 0 - 0 0 0
Activate Drive 0
and Motor 0
x x 1 x x x 0 1-0 0 1
Activate Drive 1
and Motor 1
x1x x x x1 0 - 0 1 0
Activate Drive 2
and Motor 2
1x x x x x1 1 - 0 1 1
Activate Drive 3
and Motor 3
x x x0x x0 0 - 1 0 0
Activate Drive 0 and
Deactivate Motor 0
x x 0 x x x 0 1-1 0 1
Activate Drive 1 and
deactivate Motor 1
x0x x x x1 0 - 1 1 0
Activate Drive 2 and
Deactivate Motor 2
0x x x x x1 1 - 1 1 1
Activate Drive 3 and
Deactivate Motor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com