Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87309 Datasheet HTML 1Page - National Semiconductor (TI) PC87309 Datasheet HTML 2Page - National Semiconductor (TI) PC87309 Datasheet HTML 3Page - National Semiconductor (TI) PC87309 Datasheet HTML 4Page - National Semiconductor (TI) PC87309 Datasheet HTML 5Page - National Semiconductor (TI) PC87309 Datasheet HTML 6Page - National Semiconductor (TI) PC87309 Datasheet HTML 7Page - National Semiconductor (TI) PC87309 Datasheet HTML 8Page - National Semiconductor (TI) PC87309 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
2
Highlights
www.national.com
Features
q
100% compatibility with PnP requirements specified in
the “
Plug and Play ISA Specification”, PC97, ISA, EISA,
and MicroChannel architectures
q
A special PnP module that includes:
— Flexible IRQs, DMAs and base addresses that meet
the PnP requirements specified by Microsoft® in
their 1995 hardware design guide for Windows
® and
PnP ISA Revision 1.0A
— PnP ISA mode (with isolation mechanism – Wait for
Key state Motherboard PnP mode
q
A Floppy Disk Controller (FDC) that provides:
— A relocatable address that is referenced by an 11-bit
programmable register
— Software compatibility with the PC8477, which con-
tains a superset of the floppy disk controller func-
tions in the
µDP8473, the NEC µPD765A and the
N82077
— 7 IRQ channel options
— Three 8-bit DMA channel options
— 16-byte FIFO
— Burst and non-burst modes
— A new high-performance, on-chip, digital data sepa-
rator that does not require any external filter compo-
nents
— Support for standard 5.25" and 3.5" floppy disk
drives
— Perpendicular recording drive support
— Three-mode Floppy Disk Drive (FDD) support
— Full support for the IBM Tape Drive Register (TDR)
implementation of AT and PS/2 drive types
q
A Keyboard and mouse Controller (KBC) with:
— A relocatable address that is referenced by an 11-bit
programmable register, reported as a fixed address
in resource data
— 7 IRQ options for the keyboard controller
— 7 IRQ options for the mouse controller
— An 8-bit microcontroller
— Software
compatibility
with
the
8042AH
and
PC87911 microcontrollers
— 2 KB of custom-designed program ROM
— 256 bytes of RAM for data
— Three programmable dedicated open drain I/O lines
for keyboard controller applications
— Asynchronous access to two data registers and one
status register during normal operation
— Support for both interrupt and polling
— 93 instructions
— An 8-bit timer/counter
— Support for binary and BCD arithmetic
— Operation at 8 MHz,12 MHz or 16 MHz (programma-
ble option)
— Customizing by using the PC87323VUL, which in-
cludes a RAM-based KBC, as a development plat-
form for keyboard controller code for the PC87309
q
Two UARTs that provide:
— Software compatibility with the 16550A and the 16450
— A relocatable address that is referenced by an 11-bit
programmable register
— 7 IRQ channel options
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
q
An enhanced UART and Infrared (IR) interface on the
UART2 that supports:
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control circuitry
— A PnP compatible external transceiver
— Three 8-bit DMA options for the UART with Slow In-
frared support (UART2)
q
A bidirectional parallel port that includes:
— A relocatable address that is referenced by an 11-bit
programmable register
— Software or hardware control
— 7 IRQ channel options
— Three 8-bit DMA channel options
— Demand mode DMA support
— An Enhanced Parallel Port (EPP) that is compatible
with the new version EPP 1.9, and is IEEE 1284
compliant
— An Enhanced Parallel Port (EPP) that also supports
version EPP 1.7 of the Xircom specification.
— Support for an Enhanced Parallel Port (EPP) as
mode 4 of the Extended Capabilities Port (ECP)
— An Extended Capabilities Port (ECP) that is IEEE
1284 compliant, including level 2
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Reduction of PCI bus utilization by supporting a de-
mand DMA mode mechanism and a DMA fairness
mechanism
— A protection circuit that prevents damage to the par-
allel port when a printer connected to it powers up or
is operated at high voltages
— Output buffers that can sink and source 14 mA
q
Enhanced Power Management (PM), including:
— Reduced current leakage from pins
— Low-power CMOS technology
— Ability to shut off clocks to all modules
q
Clock source:
— Source is a 48 MHz clock input signal.
q
General features include:
— Access to all configuration registers is through an In-
dex and a Data register, which can be relocated
within the ISA I/O address space
— 100-pin Plastic Quad Flatpack (PQFP) package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com