Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 93Page - National Semiconductor (TI) PC87309 Datasheet HTML 94Page - National Semiconductor (TI) PC87309 Datasheet HTML 95Page - National Semiconductor (TI) PC87309 Datasheet HTML 96Page - National Semiconductor (TI) PC87309 Datasheet HTML 97Page - National Semiconductor (TI) PC87309 Datasheet HTML 98Page - National Semiconductor (TI) PC87309 Datasheet HTML 99Page - National Semiconductor (TI) PC87309 Datasheet HTML 100Page - National Semiconductor (TI) PC87309 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
Parallel Port (Logical Device 1)
97
www.national.com
.
FIGURE 4-6. ECP (Backward) Read Cycle
Notes:
1. FIFO-full condition is checked before every expanded
byte push.
2. Switching from modes 010 or 011 to other modes re-
moves pending DMA requests and aborts pending RLE
expansion.
3. FIFO pushes and pops are neither synchronized nor
linked at the hardware level. The FIFO will not delay
these operations, even if performed concurrently. Care
must be taken by the programmer to utilize the empty
and full FIFO status bits to avoid corrupting PD7-0 or
D7-0 while a previous FIFO port access not complete.
4. In the forward direction, the empty bit is updated when
the ECP cycle is completed, not when the last byte is
popped from the FIFO (valid cleared on cycle end).
5. The one-bit command/data tag is used only in the for-
ward direction.
4.6.3
Automatic Address and Data Transfers
(Mode 100)
Automatic address and data transfer (EPP cycles generat-
ed by hardware) is supported in mode 100. Fast transfers
are achieved by automatically generating the address and
data strobes.
In this mode, the FIFO is reset (empty) and is not functional,
the DMA and RLE are idle.
The direction of the automatic data transfers is determined
by the RD and WR signals. The direction of software data
transfer can be forward or backward, depending on bit 5 of
the DCR. Bit 5 of the DCR determines the default direction
of the data transfers only when there is no on-going EPP cy-
cles.
In EPP mode 100, registers DATAR, DSR and DCR are
used instead of DTR, STR and CTR respectively.
Some differences are caused by the registers. Reading DA-
TAR returns pins values instead of register value returned
when reading DTR. Reading DSR returns register value in-
stead of pins values returned when reading STR. Writing to
the DATAR during an on-going EPP 1.9 forward cycle (i.e.
- when bit 7 of DSR is 1) causes the new data to appear im-
mediately on PD7-0, instead of waiting for BUSY to become
low to switch PD7-0 to the new data when writing to the
DTR.
In addition, the bit 4 of the DCR functions differently relative
to bit 4 of the CTR (IRQ float).
4.6.4
FIFO Test Access (Mode 110)
Mode 110 is for testing the FIFO in PIO and DMA cycles.
Both read and write operations (pop and push) are support-
ed, regardless of the direction bit.
In the forward direction PD7-0 are driven, but the data is un-
defined. This mode can be used to measure the system-
ECP cycle throughput, usually with DMA cycles. This mode
can also be used to check the FIFO depth and its interrupt
threshold, usually with PIO cycles.
4.6.5
Configuration Registers Access (Mode 111)
The two configuration registers, CNFGA and CNFGB, are
accessible only in this mode.
4.6.6
Interrupt Generation
An interrupt is generated when any of the events described
in this section occurs. Interrupt events 2, 3 and 4 are level
events. They are shaped as interrupt pulses, and are
masked (inactive) when the ECP clock is frozen.
Event 1
Bit 2 of ECR is 0, bit 3 of ECR is 1 and TC is asserted
during ECP DMA cycle. Interrupt event 1 is a pulse
event.
Event 2
Bit 2 of ECR is 0, bit 3 of ECR is 0, bit 5 of DCR is 0 and
there are eight or more bytes free in the FIFO.
This event includes the case when bit 2 of ECR is
cleared to 0 and there are already eight or more bytes
free in the FIFO (modes 010, 011 and 110 only).
Event 3
Bit 2 of ECR is 0, bit 3 of ECR is 0, bit 5 of DCR is 1 and
there are eight or more bytes to be read from the FIFO.
This event includes the case when bit 2 of ECR is
cleared to 0 and there are already eight or more bytes
to be read from the FIFO (modes 011 and 110 only).
Event 4
Bit 4 of ECR is 0 and ERR is asserted (high to low edge)
or ERR is asserted when bit 4 of ECR is modified from
1 to 0.
This event may be lost when the ECP clock is frozen.
Event 5
When bit 4 of DCR is 1 and ACK is deasserted (low-to-
high edge).
This event behaves as in the normal SPP mode, i.e., the
IRQ signal follows the ACK signal transition.
PD7-0
BUSY
AFD
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com