Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 71Page - National Semiconductor (TI) PC87309 Datasheet HTML 72Page - National Semiconductor (TI) PC87309 Datasheet HTML 73Page - National Semiconductor (TI) PC87309 Datasheet HTML 74Page - National Semiconductor (TI) PC87309 Datasheet HTML 75Page - National Semiconductor (TI) PC87309 Datasheet HTML 76Page - National Semiconductor (TI) PC87309 Datasheet HTML 77Page - National Semiconductor (TI) PC87309 Datasheet HTML 78Page - National Semiconductor (TI) PC87309 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
75
www.national.com
First Command Phase Byte
See Section 3.7.10 on page 64 for a description of these
bits.
Second Command Phase Byte
Bits 2-0 - Drive Select (DS1,0) and Head (HD) Select
See the description of the Drive Select bits (DS1,0) and
the Head (HD) in Section 3.7.10 on page 64.
Bit 7 - Enable Count Control (EC)
This bit controls whether the End of Track sector num-
ber or the Sectors to read Count (SC) triggers termina-
tion of the VERIFY command.
See also TABLE 3-26 on page 75.
0: Terminate VERIFY when the number of last sector
read equals the End of Track (EOT) sector number.
The ninth command phase byte (Sectors to read
Count, SC), is not needed and should be set to FFh.
1: Terminate VERIFY when number of sectors read
equals the number of sectors to read, i.e., Sectors
to read Count (SC).
Third through Eighth Command Phase Bytes
See Section 3.7.10 on page 64.
Always set the End of Track (EOT) sector number to the
number of the last sector to be checked on each side of
the disk. If EOT is greater than the number of sectors
per side, the command terminates with an error and no
useful Address Mark (AM) or CRC data is returned.
Ninth Command Phase Byte, Sectors to Read Count (SC)
This byte specifies the number of sectors to read. If the
Enable Count (EC) control bit (bit 7) of the second com-
mand byte is 0, this byte is not needed and should be
set to the value FFh.
Execution Phase
Data is read from the disk, as the controller checks for valid
address marks in the address and data fields.
This command is identical to the READ DATA command,
except that it does not transfer data during the execution
phase. See Section 3.7.10 on page 64.
If the Multi-Track (MT) parameter is 1 and SC is greater
than the number of remaining formatted sectors on side 0,
verification continues on side 1 of the disk.
Result Phase
TABLE 3-26 on page 75 shows how different conditions af-
fect the termination status.
TABLE 3-26. VERIFY Command Termination
Conditions
1. Number of formatted sectors per side of the disk.
2. Number of formatted sectors left which can be read,
including side 1 of the disk, if MT is 1.
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sectors to read Count (SC)
76543210
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
MT EC
Sector Count (SC) or
End of Track (EOT) Value
Termination
Status
0
0
SC should be FFh
EOT
≤ Sectors per Side1
No Errors
SC should be FFh
EOT > Sectors per Side
Abnormal
Termination
01
SC
≤ Sectors per Side
and
SC
≤ EOT
No Errors
SC > Sectors Remaining2
or
SC > EOT
Abnormal
Termination
1
0
SC should be FFh
EOT
≤ Sectors per Side
No Errors
SC should be FFh
EOT > Sectors per Side
Abnormal
Termination
11
SC
≤ Sectors per Side
and
SC
≤ EOT
No Errors
SC
≤ (EOT x 2)
and
EOT
≤ Sectors per Side
No Errors
SC > (EOT x 2)
Abnormal
Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com