Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 90Page - National Semiconductor (TI) PC87309 Datasheet HTML 91Page - National Semiconductor (TI) PC87309 Datasheet HTML 92Page - National Semiconductor (TI) PC87309 Datasheet HTML 93Page - National Semiconductor (TI) PC87309 Datasheet HTML 94Page - National Semiconductor (TI) PC87309 Datasheet HTML 95Page - National Semiconductor (TI) PC87309 Datasheet HTML 96Page - National Semiconductor (TI) PC87309 Datasheet HTML 97Page - National Semiconductor (TI) PC87309 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
Parallel Port (Logical Device 1)
94
www.national.com
Bit 5 - Reserved
Bit 6 - Channel Address Enable
When this bit is 1, mode is 011, direction is backward,
there is an input command (BUSY is 0), and bit 7 of the
data is 1, the command is written into the FIFO.
Bit 7 - SPP Compatibility
See “Bits 7-5 - ECP Mode Control” on page 92 for a de-
scription of each mode.
0: Modes 000, 001 and 100 are identical to ECP.
1: Modes 000 and 001 of the ECP are identical with
Compatible and Extended modes of the SPP (see
Section 4.1 "PARALLEL PORT CONFIGURATION"
on page 79), and mode 100 of the ECP is compati-
ble with EPP mode.
Modes 000, 001 and 100 differ as follows:
000, 001 and 100 – Reading DCR returns pin values of
bits 3-0.
000 and 001 – Reading DCR returns 1 for bit 5.
000, or 001 or 100 when bit 5 of DCR is 0 (forward di-
rection) – Reading DATAR returns register latched
value instead of pin values.
000, 001, and 100, when bit 4 of DCR is 0 – IRQx is
floated.
001 – IRQx is a level interrupt generated on the trailing
edge of ACK. Bit 2 of the DSR is the IRQ status bit
(same behavior as bit 2 of the STR).
4.5.18
Control4 Register
Upon reset this register is initialized to 00000111.
This register enables control of the fairness mechanism of
the DMA by programming the maximum number of bus cy-
cles that the parallel port DMA request signals can remain
active, and the minimum number of clock cycles that they
will remain inactive after they were deactivated.
Bits 2- 0 - Parallel Port DMA Request Active Time
This field specifies the maximum number of consecutive
bus cycles that the parallel port DMA signals can remain
active.
The default value is 111, which specifies 32 cycles.
When these bits are 0, the number is 1 cycle.
Otherwise, the number is 4(n+1) where n is the value of
these bits.
Bit 3 - Reserved
Bits 6-4 - Parallel Port DMA Request Inactive Time
This field specifies the minimum number of clock cycles
that the parallel port DMA signals remain inactive after
being deactivated by the fairness mechanism.
The default value is 000, which specifies 8 clock cycles.
Otherwise, the number of clock cycles is 8 + 32n, where
n is the value of these bits.
Bit 7 - Reserved
4.5.19
PP Confg0 Register
Upon reset this register is initialized to 00h.
Bits 1, 0 - ECP DMA Channel Number
These bits identify the ECP DMA channel number, as
reflected on bits 1 and 0 of the ECP CNFGB register.
See Section 4.5.11 "Configuration Register B (CNFGB)"
on page 91. Actual ECP DMA routing is controlled by
the DMA channel select register (index 74h) of this log-
ical device.
Microsoft’s ECP protocol and ISA interface standard de-
fine bits 1 and 0 of CNFGB as shown in TABLE 4-7
"ECP Mode DMA Selection" on page 91.
Bit 2 - Paper End (PE) Internal Pull-up or Pull-down Resistor
Select
0: PE has a nominal 25 K
Ω internal pull-down resis-
tor.
1: PE has a nominal 25 K
Ω internal pull-up resistor.
Bits 5- 3 - ECP IRQ Number
These bits identify the ECP IRQ number, as reflected on
bits 5 through 3 of the ECP CNFGB register. See Sec-
tion 4.5.11 "Configuration Register B (CNFGB)" on
page 91. Actual ECP IRQ routing is controlled by inter-
rupt select register (index 70h) of this logical device.
Microsoft’s ECP protocol and ISA interface standard de-
fines bits 5 through 3 of CNFGB, as shown in TABLE
4-8 "ECP Mode Interrupt Selection" on page 91.
Bit 6 - Demand DMA Enable
If enabled, DRQ is asserted when a FIFO threshold of 4
is reached or when flush-time-out expires, except when
DMA fairness prevents DRQ assertion. The threshold of
4 is for four empty entries forward and for four valid en-
tries backward.
76543210
Reset
Required
1
1
1
0
0
0
0
0
Control4 Register
Offset 04h
Reserved
Reserved
PP DMA Request Inactive Time
PP DMA Request
Second Level
Active Time
76543210
Reset
Required
0
0
0
0
0
0
0
0
PP Confg0 Register
Offset 05h
ECP DMA Channel Number
PE Internal Pull-up or Pull-down
ECP IRQ Number
Demand DMA Enable
Bit 3 of CNFGA
Second Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com