Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) PC87309 Datasheet HTML 43Page - National Semiconductor (TI) PC87309 Datasheet HTML 44Page - National Semiconductor (TI) PC87309 Datasheet HTML 45Page - National Semiconductor (TI) PC87309 Datasheet HTML 46Page - National Semiconductor (TI) PC87309 Datasheet HTML 47Page - National Semiconductor (TI) PC87309 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
44
www.national.com
Use of the FIFO buffer lengthens the interrupt latency peri-
od and, thereby, reduces the chance of a disk overrun or
underrun error occurring. Typically, the FIFO buffer is used
at a 1 Mbps data transfer rate or with multi-tasking operating
systems.
Enabling and Disabling the FIFO Buffer
The 16-byte FIFO buffer can be used for DMA, interrupt, or
software polling type transfers during the execution of a
read, write, format or scan command.
The FIFO buffer is enabled and its threshold is set by the
CONFIGURE command.
When the FIFO buffer is enabled, only execution phase byte
transfers use it. If the FIFO buffer is enabled, it is not dis-
abled after a software reset if the LOCK bit is set in the
LOCK command.
The FIFO buffer is always disabled during the command
and result phases of a controller operation. A hardware re-
set disables the FIFO buffer and sets its threshold to zero.
The MODE command can also disable the FIFO for read or
write operations separately.
After a hardware reset, the FIFO buffer is disabled to main-
tain compatibility with PC-AT systems.
Burst Mode Enabled and Disabled
The FIFO buffer can be used with burst mode enabled or
disabled by the MODE command.
In burst mode, the DRQ or IRQ signal assigned to the FDC
remains active until all of the bytes have been transferred to
or from the FIFO buffer.
When burst mode is disabled, the appropriate DRQ or IRQ
signal is deactivated for 350 nsec to allow higher priority
transfer requests to be processed.
FIFO Buffer Response Time
During the execution phase of a command involving data
transfer to or from the FIFO buffer, the maximum time the
system has to respond to a data transfer service request is
calculated by the following formula:
Max_Time = (THRESH + 1) x 8 x tDRP – (16 x tICP)
This formula applies for all data transfer rates, whether the
FIFO buffer is enabled or disabled. THRESH is a 4-bit value
programmed by the CONFIGURE command, which sets
the threshold of the FIFO buffer. If the FIFO buffer is dis-
abled, THRESH is zero in the above formula. The last term
in the formula, (16 x tICP) is an inherent delay due to the mi-
crocode overhead required by the FDC. This delay is also
data rate dependent. Section 10.3.14 on page 183 specifies
minimum and maximum values for tDRP and tICP.
The programmable FIFO threshold (THRESH) is useful in
adjusting the FDC to the speed of the system. A slow sys-
tem with a sluggish DMA transfer capability requires a high
value for THRESH. this gives the system more time to re-
spond to a data transfer service request (DRQ for DMA
mode or IRQ for interrupt mode). Conversely, a fast system
with quick response to a data transfer service request can
use a low value for THRESH.
3.3.8
Digital Input Register (DIR)
This read-only diagnostic register is used to detect the state
of the DSKCHG disk interface input signal and some diag-
nostic signals. DIR is unaffected by a software reset.
The bits of the DIR register function differently depending
on whether the FDC is operating in PC-AT drive mode or in
PS/2 drive mode. See Section 3.1.2 on page 34.
In PC-AT drive mode, bits 6 through 0 are in TRI-STATE to
prevent conflict with the status register of the hard disk at
the same address as the DIR.
Bit 0 - High Density (PS/2 Drive Mode Only)
In PC-AT drive mode, this bit is reserved, in TRI-STATE
and used by the status register of the hard disk.
In PS/2 drive mode, this bit indicates whether the data
transfer rate is high or low.
0: The data transfer rate is high, i.e., 1 Mbps or 500 Kbps.
76543210
Reset
Required
Data Register
(FIFO)
Offset 05h
Data
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DSKCHG
Reserved, In TRI-STATE
Read Operations, PC-AT Drive Mode
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DRATE1 Status
DSKCHG
DRATE0 Status
Reserved
High Density
Read Operations, PS/2 Drive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com