Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 79Page - National Semiconductor (TI) PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
Parallel Port (Logical Device 1)
83
www.national.com
or EPP Data Registers 0-3 (DATA0-3), EPP modes behave
like SPP Extended mode, except for the interrupt, which is
pulse triggered instead of level triggered.
Bit 7 of STR (BUSY status) must be set to 1 before writing
to DTR in EPP modes to ensure data output to PD7-0.
The enhanced parallel port monitors the IOCHRDY signal
during EPP cycles. If IOCHRDY is driven low for more then
10
µsec, an EPP time-out event occurs, which aborts the
cycle by asserting IOCHRDY, thus releasing the system
from a stuck EPP peripheral device. (This time-out event is
only functional when the clock is applied to this logical de-
vice).
When the cycle is aborted, ASTRB or DSTRB becomes in-
active, and the time-out event is signaled by asserting bit 0
of STR. If bit 4 of CTR is 1, the time-out event also pulses
the IRQ5 or IRQ7 signals when enabled. (IRQ5 and IRQ7
can be routed to any other IRQ lines via the Plug and Play
block).
EPP cycles to the external device are activated by invoking
read or write cycles to the EPP.
TABLE 4-5. Enhanced Parallel Port (EPP) Registers
4.3.2
SPP or EPP Data Register (DTR)
The DTR register is the SPP Compatible or SPP Extended
data register. A write to DTR sets the state of the eight data
pins on the 25-pin D-shell connector.
4.3.3
SPP or EPP Status Register (STR)
This status port is read only. A read presents the current
status of the five pins on the 25-pin D-shell connector, and
the IRQ.
The bits of this register have the identical function in EPP
mode as in SPP mode. See Section 4.2.3 "Status Register
(STR)" on page 81 for a detailed description of each bit.
4.3.4
SPP or EPP Control Register (CTR)
This control port is read or write. A write operation to it sets
the state of four pins on the 25-pin D-shell connector, and
controls both the parallel port interrupt enable and direction.
The bits of this register have the identical function in EPP
modes as in SPP modes. See Section 4.2.4 "SPP Control
Register (CTR)" on page 81 for a detailed description of
each bit.
4.3.5
EPP Address Register (ADDR)
This port is added in EPP modes to enhance system
throughput by enabling registers in the remote device to be
directly addressed by hardware.
This port can be read or written. Writing to it initiates an EPP
device or register selection operation.
Offset
Name
Description
Mode
R/W
00h
DTR
SPP Data
SPP or EPP R/W
01h
STR
SPP Status
SPP or EPP
R
02h
CTR
SPP Control
SPP or EPP R/W
03h
ADDR
EPP Address
EPP
R/W
04h
DATA0
EPP Data Port 0
EPP
R/W
05h
DATA1
EPP Data Port 1
EPP
R/W
06h
DATA2
EPP Data Port 2
EPP
R/W
07h
DATA3
EPP Data Port 3
EPP
R/W
76543210
Reset
Required
0
0
0
0
0
0
0
0
SPP or EPP Data
Register (DTR)
Offset 00h
D2
D4
D5
D6
D7
D0
D1
D3
Data Bits
76543210
Reset
Required
1
1
1
1
1
1
1
1
SPP or EPP Status
Register (STR)
Offset 01h
IRQ Status
SLCT Status
PE Status
Time-Out Status
Reserved
ERR Status
ACK Status
Printer Status
76543210
Reset
Required
0
0
0
0
0
0
1
1
SPP or EPP Control
Register (CTR)
Offset 02h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com