Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 44Page - National Semiconductor (TI) PC87309 Datasheet HTML 45Page - National Semiconductor (TI) PC87309 Datasheet HTML 46Page - National Semiconductor (TI) PC87309 Datasheet HTML 47Page - National Semiconductor (TI) PC87309 Datasheet HTML 48Page - National Semiconductor (TI) PC87309 Datasheet HTML 49Page - National Semiconductor (TI) PC87309 Datasheet HTML 50Page - National Semiconductor (TI) PC87309 Datasheet HTML 51Page - National Semiconductor (TI) PC87309 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
48
www.national.com
3.4.5
Drive Polling Phase
National Semiconductor’s FDC supports the polling mode
of old 8-inch drives, as a means of monitoring any change
in status for each disk drive present in the system. This sup-
port provides backward compatibility with software that ex-
pects it.
In the idle phase, the controller enters a drive polling phase
every 1 msec, based on a 500 Kbps data transfer rate. In
the drive polling phase, the controller checks the status of
each of the logical drives (bits 0 through 3 of the MSR). The
internal ready line for each drive is toggled only after a hard-
ware or software reset, and an interrupt is generated for
drive 0.
At this point, the software must issue four SENSE INTER-
RUPT commands to clear the status bit for each drive, un-
less drive polling is disabled via the POLL bit in the
CONFIGURE command. See “Bit 4 - Disable Drive Polling
(POLL)” on page 55. The CONFIGURE command must be
issued within 500
µsec (worst case) of the hardware or soft-
ware reset to disable drive polling.
Even if drive polling is disabled, drive stepping and delayed
power-down occur in the drive polling phase. The controller
checks the status of each drive and, if necessary, it issues
a pulse on the STEP output signal with the DIR signal at the
appropriate logic level.
The controller also uses the drive polling phase to automat-
ically trigger power down. When the specified time that the
motor may be off expires, the controller waits 512 msec,
based on data transfer rates of 500 Kbps and 1 Mbps, be-
fore powering down, if this function is enabled via the
MODE command.
If a new command is issued while the FDC is in the drive
polling phase, the MSR does not indicate a ready status for
the next parameter byte until the polling sequence com-
pletes the loop. This can cause a delay between the first
and second bytes of up to 500
µsec at 250 Kbps.
3.5
THE RESULT PHASE STATUS REGISTERS
In the result phase of a command, result bytes that hold sta-
tus information are read from the Data Register (FIFO) at
offset 05h. These bytes are the result phase status regis-
ters.
The result phase status registers may only be read from the
Data Register (FIFO) during the result phase of certain
commands, unlike the Main Status Register (MSR), which
is a read only register that is always valid.
3.5.1
Result Phase Status Register 0 (ST0)
Bits 1,0 - Logical Drive Selected
These two binary encoded bits indicate the logical drive
selected at the end of the execution phase.
The value of these bits is reflected in bits 1,0 of the SR3
register, described in Section 3.5.4 on page 50.
00: Drive 0 selected.
01: Drive 1 selected.
10: If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11: If four drives are supported, drive 3 is selected.
Bit 2 - Head Selected
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected. It reflects the status of the HDSEL
signal at the end of the execution phase.
The value of this bit is reflected in bit 2 of the ST3 regis-
ter, described in Section 3.5.4 on page 50.
0: Side 0 is selected.
1: Side 1 is selected.
Bit 3 - Not used.
This bit is not used and is always 0.
Bit 4 - Equipment Check
After a RECALIBRATE command, this bit indicates
whether the head of the selected drive was at track 0,
i.e., whether or not TRK0 was active. This information is
used during the SENSE INTERRUPT command.
0: Head was at track 0, i.e., a TRK0 pulse occurred
after a RECALIBRATE command.
1: Head was not at track 0, i.e., no TRK0 pulse oc-
curred after a RECALIBRATE command.
Bit 5 - SEEK End
This bit indicates whether or not a SEEK, RELATIVE
SEEK, or RECALIBRATE command was completed by
the controller. Used during a SENSE INTERRUPT com-
mand.
0: SEEK, RELATIVE SEEK, or RECALIBRATE com-
mand not completed by the controller.
1: SEEK, RELATIVE SEEK, or RECALIBRATE com-
mand was completed by the controller.
Bits 7,6 - Interrupt Code (IC)
These bits indicate the reason for an interrupt.
00: Normal termination of command.
01: Abnormal termination of command. Execution of
command was started, but was not successfully
completed.
10: Invalid command issued. Command issued was not
recognized as a valid command.
11: Internal drive ready status changed state during the
drive polling mode. This only occurs after a hard-
ware or software reset.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 0 (ST0)
Head Selected (Execution Phase)
SEEK End
Interrupt Code
Not Used
Equipment Check
Logical Drive Selected
(Execution Phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com