Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 78Page - National Semiconductor (TI) PC87309 Datasheet HTML 79Page - National Semiconductor (TI) PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 192 page
background image
Parallel Port (Logical Device 1)
82
www.national.com
Section 4.3.10 "EPP Mode Transfer Operations" on page
85 describes the transfer operations that are possible in
EPP modes.
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the printer
via the STB signal.
This bit is the inverse of the STB signal.
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic line feed signal to
the printer via the AFD pin. Setting this bit high causes
the printer to automatically feed after each line is printed.
This bit is the inverse of the AFD signal.
0: No automatic line feed (Default)
1: Automatic line feed
Bit 2 - Printer Initialization Control
Bit 2 directly controls the signal to initialize the printer via
the INIT pin. Setting this bit to low initializes the printer.
The value of the INIT signal reflects the value of this bit.
The default setting of 1 on this bit prevents printer initial-
ization in SPP mode, and enables ECP mode after re-
set.
0: Initialize Printer
1: No action (Default)
Bit 3 - Select Input Signal Control
This bit directly controls the select in signal to the printer
via the SLIN signal. Setting this bit high selects the print-
er.
It is the inverse of the SLIN signal.
This bit must be cleared to 0 before enabling the EPP or
ECP mode.
0: Printer not selected. (Default)
1: Printer selected and online.
Bit 4 - Interrupt Enable
Bit 4 controls the interrupt generated by the ACK signal.
Its function changes slightly depending on the parallel
port mode selected.
In ECP mode, this bit should be set to 0.
In the following description, IRQx indicates an interrupt
allocated for the parallel port.
0: In SPP Compatible, SPP Extended and EPP
modes, IRQx is floated. (Default)
1: In SPP Compatible mode, IRQx follows ACK transi-
tions.
In SPP Extended mode, IRQx is set active on the trail-
ing edge of ACK.
In EPP modes, IRQx follows ACK transitions, or is
set when an EPP time-out occurs.
Bit 5 - Direction Control
This bit determines the direction of the parallel port in
SPP Extended mode only. In the (default) SPP Compat-
ible mode, this bit has no effect, since the port functions
for output only.
This is a read/write bit in EPP modes. In SPP modes it
is a write only bit. A read from it returns 1.
In SPP Compatible mode and in EPP modes it does not
control the direction. See TABLE 4-4 "SPP DTR Regis-
ter Read and Write Modes" on page 80.
0: Data output to PD7-0 in SPP Extended mode dur-
ing write cycles. (Default)
1: Data input from PD7-0 in SPP Extended mode dur-
ing read cycles.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
4.3
ENHANCED PARALLEL PORT (EPP) MODES
EPP modes allow greater throughput than SPP modes by
supporting faster transfer times (8, 16 or 32-bit data trans-
fers in a single read or write operation) and a mechanism
that allows the system to address peripheral device regis-
ters directly. Faster transfers are achieved by automatically
generating the address and data strobes.
The connector pin assignments for these modes are listed
in TABLE 4-12 "Parallel Port Pin Out" on page 101.
EPP modes support revision 1.7 and revision 1.9 of the
IEEE 1284 standard, as shown in TABLE 4-1 "Parallel Port
Mode Selection" on page 80.
In Legacy mode, EPP modes are supported for a parallel
port whose base address is 278h or 378h, but not for a par-
allel port whose base address is 3BCh. (There are no EPP
registers at 3BFh.) In both Legacy and Plug and Play
modes, bits 2, 1 and 0 of the parallel port base address
must be 000 in EPP modes.
SPP-type data transactions may be conducted in EPP
modes. The appropriate registers are available for this
type of transaction. (See TABLE 4-5 "Enhanced Parallel
Port (EPP) Registers".) As in the SPP modes, software
must generate the control signals required to send or re-
ceive data.
4.3.1
EPP Register Set
TABLE 4-5 lists the EPP registers. All are single-byte regis-
ters.
Bits 0, 1 and 3 of the CTR register must be 0 before the EPP
registers can be accessed, since the signals controlled by
these bits are controlled by hardware during EPP accesses.
Once these bits are set to 0 by the software driver, multiple
EPP access cycles may be invoked.
When EPP modes are enabled, the software can perform
SPP Extended mode cycles. In other words, if there is no
access to one of the EPP registers, EPP Address (ADDR)
76543210
Reset
Required
0
0
1
0
0
0
1
1
SPP Control Register
(CTR)
Offset 02h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Parallel Port Input Control
Automatic Line Feed Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com