Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 76Page - National Semiconductor (TI) PC87309 Datasheet HTML 77Page - National Semiconductor (TI) PC87309 Datasheet HTML 78Page - National Semiconductor (TI) PC87309 Datasheet HTML 79Page - National Semiconductor (TI) PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
Parallel Port (Logical Device 1)
80
www.national.com
TABLE 4-1. Parallel Port Mode Selection
1. Section 2.6 "SUPERI/O PARALLEL PORT CONFIGURATION REGISTER (LOGICAL DEVICE 1)" on page 30
describes the bits of the SuperI/O Parallel Port configuration register.
2. See Section 4.5.12 "Extended Control Register (ECR)" on page 91
3. Before modifying this bit, set bit 4 of the SuperI/O Parallel Port configuration register at index F0h to 1.
4. Use bit 7 of the Control2 register at second level offset 2 of the parallel port to further specify compatibility. See
Section 4.5.17 "Control2 Register" on page 93.
TABLE 4-2. Parallel Port Reset States
4.2.1
SPP Modes Register Set
In all Standard Parallel Port (SPP) modes, port operation is
controlled by the registers listed in TABLE 4-3 "Standard
Parallel Port (SPP) Registers".
All register bit assignments are compatible with the assign-
ments in existing SPP devices.
A single Data Register DTR is used for data input and out-
put (see Section 4.2.2 "SPP Data Register (DTR)"). The di-
rection of data flow is determined by the system setting in
bit 5 of the Control Register CTR.
TABLE 4-3. Standard Parallel Port (SPP) Registers
4.2.2
SPP Data Register (DTR)
This bidirectional data port transfers 8-bit data in the direc-
tion determined by bit 5 of SPP register CTR at offset 02h
and mode.
The read or write operation is activated by the system RD
and WR strobes.
TABLE 4-4 "SPP DTR Register Read and Write Modes"
tabulates DTR register operation.
TABLE 4-4. SPP DTR Register Read and Write Modes
In SPP Compatible mode, the parallel port does not write
data to the output signals. Bit 5 of the CTR register has no
effect in this state. If data is written (WR goes low), the data
is sent to the output signals PD7-0. If a read cycle is initiated
(RD goes low), the system reads the contents of the output
latch, and not data from the PD7-0 output signals.
In SPP Extended mode, the parallel port can read and write
external data via PD7-0. In this mode, bit 5 sets the direction
for data in or data out, while read or write cycles are possi-
ble in both settings of bit 5.
Configuration
Time
Operation Mode
SuperI/O Parallel Port
Configuration Register
(Index F0h)1
Extended Control Register
(ECR) of the Parallel Port
(Offset 402h) 2
Control2 Register
of the Parallel Port
(Offset 02h) 3
7 6 5
7 6 5
4
Configuration at
System Initial-
ization
(Static)
SPP Compatible
0 0 0
-
-
-
SPP Extended
0 0 1
-
-
-
EPP Revision 1.7
0 1 0
-
-
-
EPP Revision 1.9
0 1 1
-
-
-
Configuration at
System Initial-
ization with
Run-Time Re-
configuration
(Dynamic)
SPP Compatible
1 0 0
or
1 1 1
0 0 0
-
4
PP FIFO
0 1 0
-
4
SPP Extended
0 0 1
-
4
EPP Revision 1.7
1 1 1
1 0 0
0
4
EPP Revision 1.9
1
4
ECP(Default)
1 0 0
or
1 1 1
0 1 1
-
-
Signal
Reset Control
State After Reset
SLIN
MR
TRI-STATE
INIT
MR
Zero
AFD
MR
TRI-STATE
STB
MR
TRI-STATE
IRQ5,7
MR
TRI-STATE
Offset
Name
Description
R/W
00h
DTR
Data
R/W
01h
STR
Status
R
02h
CTR
Control
R/W
03h
-
TRI-STATE
Mode
Bit 5 of
CTR
RD WR
Result
SPP Com-
patible
x
1
0
Data written to PD7-0.
x0
1
Data read from the out-
put latch
SPP Ex-
tended
0
1
0
Data written to PD7-0.
1
1
0
Data written is latched
00
1
Data read from output
latch.
1
0
1
Data read from PD7-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com