Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) PC87309 Datasheet HTML 88Page - National Semiconductor (TI) PC87309 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
Parallel Port (Logical Device 1)
85
www.national.com
4.3.10
EPP Mode Transfer Operations
The EPP transfer operations are address read or write, and
data read or write. An EPP transfer is composed of a sys-
tem read or write cycle from or to an EPP register, and an
EPP read or write cycle from a peripheral device to an EPP
register or from an EPP register to a peripheral device.
EPP 1.7 Address Write
The following procedure selects a peripheral device or reg-
ister as illustrated in FIGURE FIGURE 4-1 "EPP 1.7 Ad-
dress Write".
1. The system writes a byte to the EPP Address register.
WR becomes low to latch D7-0 into the EPP Address
register. The latch drives the EPP Address register onto
PD7-0 and the EPP pulls WRITE low.
2. The EPP pulls ASTRB low to indicate that data was
sent.
3. If WAIT was low during the system write cycle,
IOCHRDY becomes low. When WAIT becomes high,
the EPP pulls IOCHRDY high.
4. When IOCHRDY becomes high, it causes WR to be-
come high. If WAIT is high during the system write cycle,
then the EPP does not pull IOCHRDY to low.
5. When WR becomes high, it causes the EPP to pull first
ASTRB and then WRITE to high. The EPP can change
PD7-0 only when WRITE and ASTRB are both high.
FIGURE 4-1. EPP 1.7 Address Write
EPP 1.7 Address Read
The following procedure reads from the EPP Address reg-
ister as shown in FIGURE FIGURE 4-2 "EPP 1.7 Address
Read".
1. The system reads a byte from the EPP Address register.
RD goes low to gate PD7-0 into D7-0.
2. The EPP pulls ASTRB low to signal the peripheral to
start sending data.
3. If WAIT is low during the system read cycle. Then the
EPP pulls IOCHRDY low. When WAIT becomes high,
the EPP stops pulling IOCHRDY to low.
4. When IOCHRDY becomes high, it causes RD to be-
come high. If WAIT is high during the system read cycle
then the EPP does not pull IOCHRDY to low.
5. When RD becomes high, it causes the EPP to pull
ASTRB high. The EPP can change PD7-0 only when
ASTRB is high. After ASTRB becomes high, the EPP
puts D7-0 in TRI-STATE.
FIGURE 4-2. EPP 1.7 Address Read
EPP 1.7 Data Write and Read
This procedure writes to the selected peripheral device or
register.
EPP 1.7 data read or write operations are similar to EPP 1.7
Address register read or write operations, except that the
data strobe (DSTRB signal), and the EPP Data register, re-
place the address strobe (ASTRB signal) and the EPP Ad-
dress register, respectively.
4.3.11
EPP 1.7 and 1.9 Data Write and Read
Operations
EPP 1.9 Address Write
The following procedure selects a peripheral or register as
shown in FIGURE FIGURE 4-3 "EPP 1.9 Address Write".
1. The system writes a byte to the EPP Address register.
2. The EPP pulls IOCHRDY low, and waits for WAIT to be-
come low.
3. When WAIT becomes low, the EPP pulls WRITE to low
and drives the latched byte onto PD7-0. If WAIT was al-
ready low, steps 2 and 3 occur concurrently.
4. The EPP pulls ASTRB low and waits for WAIT to be-
come high.
5. When WAIT becomes high, the EPP stops pulling
IOCHRDY low, and waits for WR to become high.
6. When WR becomes high, the EPP pulls ASTRB high,
and waits for WAIT to become low.
7. If no EPP write is pending when WAIT becomes low, the
EPP pulls WRITE to high. Otherwise, WRITE remains
low, and the EPP may change PD7-0.
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
D7-0
RD
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com