Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) PC87309 Datasheet HTML 88Page - National Semiconductor (TI) PC87309 Datasheet HTML 89Page - National Semiconductor (TI) PC87309 Datasheet HTML 90Page - National Semiconductor (TI) PC87309 Datasheet HTML 91Page - National Semiconductor (TI) PC87309 Datasheet HTML 92Page - National Semiconductor (TI) PC87309 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 192 page
background image
Parallel Port (Logical Device 1)
89
www.national.com
Bit 3 - ERR Status
This bit reflects the status of the ERR signal.
0: Printer error.
1: No printer error.
Bit 4 - SLCT Status
This bit reflects the status of the Select signal. The print-
er sets this signal high when it is online and selected
0: Printer not selected. (Default)
1: Printer selected and on-line.
Bit 5 - PE Status
This bit reflects the status of the Paper End (PE) signal.
0: Paper not ended.
1: No paper in printer.
Bit 6 - ACK Status
This bit reflects the status of the ACK signal. This signal
is pulsed low after a character is received.
0: Character received.
1: No character received. (Default)
Bit 7 - Printer Status
This bit reflects the inverse of the state of the BUSY sig-
nal.
0: Printer is busy (cannot accept another character
now).
1: Printer not busy (ready for another character).
4.5.6
ECP Control Register (DCR)
Reading this register returns the register content (not the
signal values, as in SPP mode).
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the printer
via the STB signal. It is the inverse of the STB signal.
0: The STB signal is inactive in all modes except 010
and 011. In these modes, it may be active or inac-
tive as set by the software.
1: In all modes, STB is active.
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic feed XT signal to
the printer via the AFD signal. Setting this bit high caus-
es the printer to automatically feed after each line is
printed. This bit is the inverse of the AFD signal.
In mode 011, AFD is activated by both ECP hardware
and by software using this bit.
0: No automatic line feed. (Default)
1: Automatic line feed.
Bit 2 - Printer Initialization Control
Bit 2 directly controls the signal to initialize the printer via
the INIT signal. Setting this bit to low initializes the print-
er. The INIT signal follows this bit.
0: Initialize printer. (Default)
1: No action
Bit 3 - Parallel Port Input Control
This bit directly controls the select input device signal to
the printer via the SLIN signal. It is the inverse of the
SLIN signal.
This bit must be set to 1 before enabling the EPP or
ECP modes.
0: The printer is not selected.
1: The printer is selected.
Bit 4 - Interrupt Enable
Bit 4 enables the interrupt generated by the ACK signal.
In ECP mode, this bit should be set to 0. This bit does
not float the IRQ pin.
0: Masked. (Default)
1: Enabled.
Bit 5 - Direction Control
This bit determines the direction of the parallel port.
This is a read/write bit in EPP mode. In SPP mode it is
a write only bit. A read from it returns 1. In SPP Compat-
ible mode and in EPP mode it does not control the direc-
tion. See TABLE 4-4 "SPP DTR Register Read and
Write Modes" on page 80.
The ECP drives the PD7-0 pins in the forward direction,
but does not drive them in the backward direction.
This bit is readable and writable. In modes 000 and 010
the direction bit is forced to 0, internally, regardless of
the data written into this bit.
0: ECP drives forward in output mode. (Default)
1: ECP direction is backward.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
76543210
Reset
Required
0
0
0
0
0
0
1
1
ECP Control
Register (DCR)
Offset 002h
Printer Initialization Control
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com