Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 67Page - National Semiconductor (TI) PC87309 Datasheet HTML 68Page - National Semiconductor (TI) PC87309 Datasheet HTML 69Page - National Semiconductor (TI) PC87309 Datasheet HTML 70Page - National Semiconductor (TI) PC87309 Datasheet HTML 71Page - National Semiconductor (TI) PC87309 Datasheet HTML 72Page - National Semiconductor (TI) PC87309 Datasheet HTML 73Page - National Semiconductor (TI) PC87309 Datasheet HTML 74Page - National Semiconductor (TI) PC87309 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
71
www.national.com
Command Phase
When bit 2 of the second command phase byte (ETR) in the
MODE command is set to 1, the track number is stored as
a 12-bit value. See “Bit 0 - Extended Track Range (ETR)”
on page 60.
In this case, a fourth command byte should be written in the
command phase to hold the Most Significant Nibble (MSN),
i.e., the four most significant bits, of the number of the track
to seek. Otherwise (ETR bit in MODE is 0), this command
phase byte is not required. and, only three command bytes
should be written.
After the last command byte is issued, the Drive Busy bit for
the selected drive is set in the Main Status Register (MSR).
See bits 3-0 in Section 3.3.5 on page 42.
The controller waits the Delay Before Processing time (see
TABLE 3-24 on page 74) for the selected drive, before issu-
ing the first STEP pulse. After waiting the Delay Before Pro-
cessing time, the controller becomes idle. See Section 3.4.4
on page 47.
Second Command Phase Byte
See READ DATA command for a description of these
bits.
Third Command Phase Byte, Number of Track to Seek
The value in this byte is the number of the track to seek.
Fourth Command Phase Byte,
Bits 7-4 - MSN of Track Number
If the track number is stored as a 12-bit value, these bits
contain the Most Significant Nibble (MSN), i.e., the four
most significant bits, of the number of the track to seek.
Otherwise (the ETR bit in the MODE command is 0), this
command phase byte is not required.
Execution Phase
During the execution phase of the SEEK command, the
track number to seek to is compared with the present track
number. The controller determines how many STEP pulses
to issue and the DIR disk interface output signal indicates
which direction the head should move.
The SEEK command issues step pulses while the controller
is in the drive polling phase. The step pulse rate is deter-
mined by the value programmed in the second command
phase byte of the SPECIFY command.
An interrupt is generated one step pulse period after the last
step pulse is issued. A SENSE INTERRUPT command
should be issued to determine the cause of the interrupt.
Result Phase
None.
3.7.18
The SENSE DRIVE STATUS Command
The SENSE DRIVE STATUS command indicates which
drive and which head are selected, whether or not the head
is at track 0 and whether or not the track is write protected
in result phase Status register 3 (ST3). See Section 3.5.4 on
page 50.
This command does not generate an interrupt.
Command Phase
See READ DATA command for a description of these bits.
Execution Phase
Disk drive status information is detected and reported.
Result Phase
See Section 3.5.4 on page 50.
3.7.19
The SENSE INTERRUPT Command
The SENSE INTERRUPT command returns the cause of
an interrupt that is caused by the change in status of any
disk drive.
If a SENSE INTERRUPT command is issued when no inter-
rupt is pending it is treated as an invalid command.
When to Issue SENSE INTERRUPT
The SENSE INTERRUPT command is issued to detect ei-
ther of the following causes of an interrupt:
q
The FDC became ready during the drive polling phase
for an internally selected drive. See Section 3.4.5 on
page 48. This can occur only after a hardware or soft-
ware reset.
q
A SEEK, RELATIVE SEEK or RECALIBRATE com-
mand terminated.
Interrupts caused by these conditions are cleared after the
first result byte has been read. Use the Interrupt Code (IC)
(bits 7,6) and SEEK End bits (bit 5) of result phase Status
register 0 (ST0) to identify the cause of these interrupts. See
“Bit 5 - SEEK End” on page 48 and TABLE 3-21 on page 72.
76543210
00001111
XXXXX
HD
DS1
DS0
Number of Track to Seek
MSN of Track # to Seek
76543210
00000100
XXXXX
HD
DS1
DS0
76543210
Result Phase Status Register 3 (ST3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com