Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) PC87309 Datasheet HTML 23Page - National Semiconductor (TI) PC87309 Datasheet HTML 24Page - National Semiconductor (TI) PC87309 Datasheet HTML 25Page - National Semiconductor (TI) PC87309 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
Configuration
22
www.national.com
TABLE 2-4. Plug and Play (PnP) Standard Control Registers
Index
Name
Description
00h
Set RD_DATA Port Writing to this location modifies the address of the port used for reading from the
PnP ISA cards. Data bits 7-0 are loaded into I/O read port address bits 9-2.
Reads from this register are ignored. Bits1 and 0 are fixed at the value 11.
01h
Serial Isolation
Reading this register causes a PnP card in the Isolation state to compare one bit
of the ID of the board. This register is read only.
02h
Config Control
This register is write-only. The values are not sticky, that is, hardware automatically
clears the bits and there is no need for software to do so.
Bit 0 - Reset
Writing this bit resets all logical devices (except the KBC, Logical Device 6) and
restores the contents of configuration registers to their power-up (default) values.
In addition, all the logical devices enter their default state and the CSN is
preserved.
Bit 1 - Return to the Wait for Key state.
Writing this bit puts the device in the Wait for Key state, with CSN preserved and
logical devices not affected. This bit is ignored in Motherboard PnP mode.
Bit 2 - Reset CSN to 0.
03h
Wake[CSN]
A write to this port causes all cards that have a CSN that matches the write data
in bits 7-0 to go from the Sleep state to either the Isolation state, if the write data
for this command is zero, or the Config state, if the write data is not zero. It also
resets the pointer to the byte-serial device.
This register is write-only.
04h
Resource Data
This address holds the next byte of resource information. The Status register must
be polled until bit 0 of this register is set to 1 before this register can be read.
This register is read-only.
005
Status
When bit 0 of this register is set to 1, the next data byte is available for reading
from the Resource Data register.
This register is read-only.
06h
Card Select
Number (CSN)
Writing to this port assigns a CSN to a card. The CSN is a value uniquely assigned
to each ISA card after the serial identification process so that each card may be
individually selected during a Wake[CSN] command.
This register is read/write.
07h
Logical Device
Number
This register selects the current logical device. All reads and writes of memory, I/O,
interrupt and DMA configuration information access the registers of the logical
device written here. In addition, the I/O Range Check and Activate commands
operate only on the selected logical device.
This register is read/write.
20h - 2Fh
Card Level,
Vendor Defined
Vendor defined registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com