Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 88Page - National Semiconductor (TI) PC87309 Datasheet HTML 89Page - National Semiconductor (TI) PC87309 Datasheet HTML 90Page - National Semiconductor (TI) PC87309 Datasheet HTML 91Page - National Semiconductor (TI) PC87309 Datasheet HTML 92Page - National Semiconductor (TI) PC87309 Datasheet HTML 93Page - National Semiconductor (TI) PC87309 Datasheet HTML 94Page - National Semiconductor (TI) PC87309 Datasheet HTML 95Page - National Semiconductor (TI) PC87309 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 192 page
background image
Parallel Port (Logical Device 1)
92
www.national.com
Bit 2 - ECP Interrupt Service
This bit enables servicing of interrupt requests. It is set
to 1 upon reset, and by the occurrence of interrupt
events. It is set to 0 by software.
While this bit is 1, neither the DMA nor the interrupt
events listed below will generate an interrupt.
While this bit is 0, the interrupt setup is “armed” and an
interrupt is generated on occurrence of an interrupt
event.
While the ECP clock is frozen, this bit always returns a
0 value, although it retains its proper value and may be
modified.
When one of the following interrupt events occurs while
this bit is 0, an interrupt is generated and this bit is set
to 1 by hardware.
— DMA is enabled (bit 3 of ECR is 1) and terminal
count is reached.
— FIFO write threshold reached (no DMA - bit 3 of ECR
is 0; forward direction (bit 5 of DCR is 0), and there
are eight or more bytes free in the FIFO).
— FIFO read threshold reached (no DMA - bit 3 of ECR
is 0; read direction set - bit 5 of DCR is 1, and there
are eight or more bytes to read from the FIFO).
0: The DMA and the above interrupts are not dis-
abled.
1: The DMA and the above three interrupts are dis-
abled.
Bit 3 - ECP DMA Enable
0: The DMA request signal (DRQ3-0) is set to TRI-
STATE and the appropriate acknowledge signal
(DACK3-0) is assumed inactive.
1: The DMA is enabled and the DMA starts when bit 2
of ECR is 0.
Bit 4 - ECP Interrupt Mask
0: An interrupt is generated on ERR assertion (the
high-to-low edge of ERR). An interrupt is also gen-
erated while ERR is asserted when this bit is
changed from 1 to 0; this prevents the loss of an in-
terrupt between ECR read and ECR write.
1: No interrupt is generated.
Bits 7-5 - ECP Mode Control
These bits set the mode for the ECP device. See Sec-
tion 4.6 "DETAILED ECP MODE DESCRIPTIONS" on
page 95 for a more detailed description of operation in
each of these ECP modes. The ECP modes are listed in
TABLE 4-9 "ECP Modes Encoding" and described in
detail in TABLE 4-11 "ECP Modes" on page 96.
TABLE 4-9. ECP Modes Encoding
4.5.13
ECP Extended Index Register (EIR)
The parallel port is partially configured by bits within the log-
ical device address space. These configuration bits are ac-
cessed via this read/write register and the Extended Data
Register (EDR) (see Section 4.5.14 "ECP Extended Data
Register (EDR)" on page 93), when bit 4 of the SuperI/O
Parallel Port Configuration register at index F0h of Logical
Device 1 is set to 1. See Section 2.6 on page 30.
The configuration bits within the parallel port address space
are initialized to their default values on reset, and not when
the parallel port is activated.
Bits 2-0 - Second Level Offset
Data written to these bits is used as a second level off-
set for accesses to a specific control register. Second
level offsets of 00h, 02h, 04h and 05h are supported. At-
tempts to access registers at any other offset have no
effect.
TABLE 4-10. Second Level Offsets
000:Access the Control0 register.
010:Access the Control2 register.
100:Access the Control4 register.
101:Access the PP Confg0 register.
ECR Bit Encoding
Mode Name
Bit 7
Bit 6
Bit 5
0
0
0
Standard
0
0
1
PS/2
0
1
0
Parallel Port FIFO
0
1
1
ECP FIFO
1
0
0
EPP Mode
1
1
0
FIFO Test
1
1
1
Configuration
Second Level
Offset
Control
Register Name
Described in
Section
00h
Control0
4.5.16
02h
Control2
4.5.17
04h
Control4
4.5.18
05h
PP Confg0
4.5.19
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Index
Register (EIR)
Offset 403h
Second Level Offset
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com