Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 82Page - National Semiconductor (TI) PC87309 Datasheet HTML 83Page - National Semiconductor (TI) PC87309 Datasheet HTML 84Page - National Semiconductor (TI) PC87309 Datasheet HTML 85Page - National Semiconductor (TI) PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) PC87309 Datasheet HTML 88Page - National Semiconductor (TI) PC87309 Datasheet HTML 89Page - National Semiconductor (TI) PC87309 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
Parallel Port (Logical Device 1)
86
www.national.com
FIGURE 4-3. EPP 1.9 Address Write
EPP 1.9 Address Read
The following procedure reads from the address register.
1. The system reads a byte from the EPP address register.
When RD becomes low, the EPP pulls IOCHRDY low,
and waits for WAIT to become low.
2. When WAIT becomes low, the EPP pulls ASTRB low
and waits for WAIT to become high. If WAIT was already
low, steps 2 and 3 occur concurrently.
3. When WAIT becomes high, the EPP stops pulling IO-
CHRDY low, and waits for RD to become high.
4. When RD becomes high, the EPP latches PD7-0 (to
provide sufficient hold time), pulls ASTRB high, and puts
D7-0 in TRI-STATE.
FIGURE 4-4. EPP 1.9 Address Read
EPP 1.9 Data Write and (Backward) Data Read
This procedure writes to the selected peripheral drive or
register.
EPP 1.9 data read and write operations are similar to EPP
1.9 address read and write operations, except that the data
strobe (DSTRB signal) and EPP Data register replace the
address strobe (ASTRB signal) and the EPP Address reg-
ister, respectively.
4.4
EXTENDED CAPABILITIES PARALLEL PORT
(ECP)
In the Extended Capabilities Parallel Port (ECP) modes, the
device is a state machine that supports a 16-byte FIFO that
can be configured for either direction, command and data
FIFO tags (one per byte), a FIFO threshold interrupt for both
directions, FIFO empty and full status bits, automatic gen-
eration of strobes (by hardware) to fill or empty the FIFO,
transfer of commands and data, and Run Length Encoding
(RLE) expanding (decompression) as explained below. The
FIFO can be accessed by PIO or system DMA cycles.
4.4.1
ECP Modes
ECP modes are enabled as described in TABLE 4-1 "Par-
allel Port Mode Selection" on page 80. The ECP mode is se-
lected at reset by setting bits 7-5 of the SuperI/O Parallel
Port Configuration register at index F0h (see Section 2.6
"SUPERI/O PARALLEL PORT CONFIGURATION REGIS-
TER (LOGICAL DEVICE 1)" on page 30) to 100 or 111.
Thereafter, the mode is controlled via the bits 7-5 of the
ECP Extended Control Register (ECR) at offset 402h of the
parallel port. See Section 4.5.12 "Extended Control Regis-
ter (ECR)" on page 91.
TABLE 4-9 "ECP Modes Encoding" on page 92 lists the
ECP modes. See TABLE 4-11 "ECP Modes" on page 96
and Section 4.6 "DETAILED ECP MODE DESCRIPTIONS"
on page 95 for more detailed descriptions of these modes.
4.4.2
Software Operation
Software should operate as described in “
Extended Capa-
bilities Port Protocol and ISA Interface Standard”.
Some of these operations are:
q
Software should enable ECP after bits 3-0 of the parallel
port Control Register (CTR) are set to 0100.
q
When ECP is enabled, software should switch modes
only through modes 000 or 001.
q
When ECP is enabled, the software should change di-
rection only in mode 001.
q
Software should not switch from mode 010 or 011, to
mode 000 or 001, unless the FIFO is empty.
q
Software should switch to mode 011 when bits 0 and 1
of DCR are 0.
q
Software should switch to mode 010 when bit 0 of DCR
is 0.
q
Software should disable ECP only in mode 000 or 001.
q
Software should switch to mode 100 when bits 0, 1 and
3 of the DCR are 0.
q
Software should switch from mode 100 to mode 000 or
001 only when bit 7 of the DSR (BUSY) is 1. Otherwise,
an on-going EPP cycle can be aborted.
q
When the ECP is in mode 100, software should write 0
to bit 5 of the DCR before performing EPP cycles.
Software may switch from mode 011 backward to modes
000 or 001, when there is an on-going ECP read cycle. In
this case, the read cycle is aborted by deasserting AFD.
The FIFO is reset (empty) and a potential byte expansion
(RLE) is automatically terminated since the new mode is
000 or 001.
D7-0
WR
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY
D7-0
RD
WAIT
ASTRB
WRITE
PD7-0
IOCHRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com