Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 37Page - National Semiconductor (TI) PC87309 Datasheet HTML 38Page - National Semiconductor (TI) PC87309 Datasheet HTML 39Page - National Semiconductor (TI) PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) PC87309 Datasheet HTML 43Page - National Semiconductor (TI) PC87309 Datasheet HTML 44Page - National Semiconductor (TI) PC87309 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
41
www.national.com
3.3.4
Tape Drive Register (TDR)
The TDR register is a read/write register that acts as the
Floppy Disk Controller’s (FDC) drive type register.
AT Compatible
TDR Mode
In this mode, the TDR assigns a drive number to the tape
drive support mode of the data separator. All other logical
drives can be assigned as floppy drive support. Bits 7-2 are
in TRI-STATE during read operations.
Enhanced
TDR Mode
In this mode, all the bits of the TDR define operations with
Enhanced floppy disk drives.
TABLE 3-4. TDR Bit Utilization and Reset Values in Different Drive Modes
Bits 1,0 - Tape Drive Select 1,0
These bits assign a logical drive number to a tape drive.
Drive 0 is not available as a tape drive and is reserved
as the floppy disk boot drive.
00: No drive selected.
01: Drive 1 selected.
10: Drive 2 selected.
11: Drive 3 selected.
Bits 3,2 - Logical Drive Control (Enhanced TDR Mode Only)
These read/write bits control logical drive exchange be-
tween drives 0 and 2, only.
They enable software to exchange the physical floppy
disk drive and motor control signals assigned to pins.
Drive 3 is never exchanged for drive 2.
When four drives are configured, i.e., bit 7 of SuperI/O
FDC Configuration register at index F0h is 1, logical
drives are not exchanged.
00: No logical drive exchange.
01: Disk drive and motor control signal assignment to
pins exchanged between logical drives 0 and 1.
10: Disk drive and motor control signal assignment to
pins exchanged between logical drives 0 and 2.
11: Reserved. Unpredictable results when configured.
Bits 5,4 - Drive ID1,0 Information
If the value of bits 1,0 of the Digital Output Register
(DOR) are 00, these bits reflect the ID of drive 0, i.e., the
value of bits 1,0, respectively, of the Drive ID register at
index F1h. See “Bits 1,0 - Drive 0 ID” on page 30.
If the value of bits 1,0 of the Digital Output Register
(DOR) are 01, these bits reflect the ID of drive 1, i.e., the
value of bits 3,2, respectively, of the Drive ID register at
index F1h. See “Bits 3,2 - Drive 1 ID” on page 30.
Bits 7,6 - Reserved.
These bits are reserved and are read as 11b.
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
Tape Drive Select 1,0
AT Compatible
TDR Mode
TRI-STATE During Read Operations
Not Used
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
Reserved
Reserved
Tape Drive Select 1,0
Logical Drive Exchange
Enhanced
TDR Mode
Drive ID1 Information
Drive ID0 Information
TDR Mode
Bit 6 of SuperI/O
FDC Configuration
Register
Bits of TDR
Drive ID1 Drive ID0
Logical Drive
Exchange
Drive Select
5432
1
0
PC-AT
Compatible
0
Not used. Floated in TRI-STATE during read
operations.
00
Enhanced
1
1
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com