Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 49Page - National Semiconductor (TI) PC87309 Datasheet HTML 50Page - National Semiconductor (TI) PC87309 Datasheet HTML 51Page - National Semiconductor (TI) PC87309 Datasheet HTML 52Page - National Semiconductor (TI) PC87309 Datasheet HTML 53Page - National Semiconductor (TI) PC87309 Datasheet HTML 54Page - National Semiconductor (TI) PC87309 Datasheet HTML 55Page - National Semiconductor (TI) PC87309 Datasheet HTML 56Page - National Semiconductor (TI) PC87309 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
53
www.national.com
3.7
COMMAND SET
The first command byte for each command in the FDC com-
mand set is the opcode byte. The FDC uses this byte to de-
termine how many command bytes to expect.
If an invalid command byte is issued to the controller, it im-
mediately enters the result phase and the status is 80h, sig-
nifying an invalid command.
TABLE 3-8 shows the FDC commands in alphabetical order
with the opcode, i.e., the first command byte, for each.
In this table:
q
MT is a multi-track enable bit (See “Bit 7 - Multi-Track
(MT)” on page 64.)
q
MFM is a modified frequency modulation parameter
(See “Bit 6 - Modified Frequency Modulation (MFM)”
on page 57.)
q
SK is a skip control bit. (See “Bit 5 - Skip Control (SK)”
on page 64.)
Section 3.7.1 explains some symbols and abbreviations
you will encounter in the descriptions of the commands.
All phases of each command are described in detail, start-
ing with Section 3.7.2 on page 55, with bitmaps of each byte
in each phase.
Only named bits and fields are described in detail. When a
bitmap shows a value (0 or 1) for a bit, that bit must have
that value and is not described.
TABLE 3-8. FDC Command Set Summary
Command
Opcode
7
6
5
4 3210
CONFIGURE
0
0
0
1 0 0 1 1
DUMPREG
0
0
0
0 1 1 1 0
FORMAT TRACK
0
MFM
0
0 1 1 0 1
INVALID
Invalid Opcode
LOCK
0
0
1 0 1 0 0
MODE
0
0
0
0 0 0 0 1
NSC
0
0
0
1 1000
PERPENDICULAR
MODE
0
0
0
1 0010
READ DATA
MT
MFM
SK
0 0 1 1 0
READ DELETED
DATA
MT
MFM
SK
0 1 1 0 0
READ ID
0
MFM
0
0 1 0 1 0
READ TRACK
0
MFM
0
0 0 0 1 0
RECALIBRATE
0
0
0
0 0 1 1 1
RELATIVE SEEK
1
DIR
0
0 1 1 1 1
SCAN EQUAL
MT
MFM
SK
1 0 0 0 1
SCAN HIGH OR
EQUAL
MT
MFM
SK
1 1 1 0 1
SCAN LOW OR
EQUAL
MT
MFM
SK
1 1 0 0 1
SEEK
0
0
0
0 1 1 1 1
SENSE DRIVE
STATUS
0
0
0
0 0100
SENSE INTERRUPT
0
0
0
0 1 0 0 0
SET TRACK
0
1
0 0 0 0 1
SPECIFY
0
0
0
0 0 0 1 1
VERIFY
MT
MFM
SK
1 0 1 1 0
VERSION
0
0
0
1 0 0 0 0
WRITE DATA
MT
MFM
0
0 0 1 0 1
WRITE DELETED
DATA
MT
MFM
0
0 1 0 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com