Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 14Page - National Semiconductor (TI) PC87309 Datasheet HTML 15Page - National Semiconductor (TI) PC87309 Datasheet HTML 16Page - National Semiconductor (TI) PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
Signal/Pin Connection and Description
18
www.national.com
TABLE 1-3. Pins with a Strap Function During Reset
1. These pins have additional multiplexing options in Two-UART mode,
controlled by a configuration register.
They do not automatically
change functions.
WDATA
49
FDC
Output
Group 11
Write Data (FDC) – This output signal holds the write
precompensated serial data that is written to the selected floppy disk
drive. Precompensation is software selectable.
WGATE
53
FDC
Output
Group 11
Write Gate (FDC) – This output signal enables the write circuitry of
the selected disk drive. WGATE is designed to prevent glitches during
power up and power down. This prevents writing to the disk when
power is cycled.
WP
57
FDC
Input
Group 1
Write Protected – This input signal indicates that the disk in the
selected drive is write protected.
WRITE
67
Parallel Port
Output
Group 8
Write Strobe – In EPP mode, this active low signal is a write strobe.
This signal is multiplexed with STB. See TABLE 4-12 on page 101 for
more information.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function
TABLE 1-2. Multiplexed Pins in Full-IR and Two-UART Modes
Pin
Full-IR Mode
CFG0 = 0
Two-UART Mode
CFG0 = 1
Signal/Pin Name
Direction
Signal/Pin Name
Direction
93
A11
I
CTS2
I
94
P12
I/O
DCD2
I
95
DRATE0
O
DSR2
I
96
IRSL2/ID2
I/O
DTR2/BOUT2
O
97
DENSEL
I/O
RI2
I
98
IRSL1/ID1
I/O
RTS2
O
99
ID3
I
SIN2
I
100
IRRX2/IRSL0/ID0
I/O
SOUT2
O
431
IRRX1
I
IRRX1/P12/DRATE0
I/O
441
IRTX
O
IRTX/DENSEL
O
451
MTR0
O
MTR0/DRATE0
O
461
MTR1
O
MTR1/P12
I/O
481
DR1
O
DR1/DENSEL
O
Function
Pin
Symbols
BADDR0
86
DTR1/BOUT1/BADDR0
BADDR1
88
RTS1/BADDR1
CFG0
92
SOUT1/CFG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com