Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 86Page - National Semiconductor (TI) PC87309 Datasheet HTML 87Page - National Semiconductor (TI) PC87309 Datasheet HTML 88Page - National Semiconductor (TI) PC87309 Datasheet HTML 89Page - National Semiconductor (TI) PC87309 Datasheet HTML 90Page - National Semiconductor (TI) PC87309 Datasheet HTML 91Page - National Semiconductor (TI) PC87309 Datasheet HTML 92Page - National Semiconductor (TI) PC87309 Datasheet HTML 93Page - National Semiconductor (TI) PC87309 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
Parallel Port (Logical Device 1)
90
www.national.com
4.5.7
Parallel Port Data FIFO (CFIFO) Register
The Parallel Port FIFO (CFIFO) register is write only. A byte
written to this register by PIO or DMA is pushed into the
FIFO and tagged as data.
Reading this register has no effect and the data read is un-
defined.
4.5.8
ECP Data FIFO (DFIFO) Register
This bi-directional FIFO functions as either a write-only de-
vice when bit 5 of DCR is 0, or a read-only device when it is 1.
In the forward direction (bit 5 of DCR is 0), a byte written to
the ECP Data FIFO (DFIFO) register by PIO or DMA is
pushed into the FIFO and tagged as data. Reading this reg-
ister when set for write-only has no effect and the data read
is undefined.
In the backward direction (bit 5 of DCR is 1), the ECP auto-
matically issues ECP read cycles to fill the FIFO.
Reading from this register pops a byte from the FIFO. Writ-
ing to this register when it is set for read-only has no effect,
and the data written is ignored.
4.5.9
Test FIFO (TFIFO) Register
A byte written into the Test FIFO (TFIFO) register is pushed
into the FIFO. A byte read from this register is popped from
the FIFO. The ECP does not issue an ECP cycle to transfer
the data to or from the peripheral device.
The TFIFO is readable and writable in both directions. In the
forward direction (bit 5 of DCR is 0) PD7-0 are driven, but
the data is undefined.
The FIFO does not stall when overwritten or underrun (ac-
cess is ignored). Bytes are always read from the top of the
FIFO, regardless of the direction bit setting (bit 5 of DCR).
For example if 44h, 33h, 22h, 11h is written into the FIFO,
reading the FIFO returns 44h, 33h, 22h, 11h (in the same
order it was written).
4.5.10
Configuration Register A (CNFGA)
This register is read only. Reading CNFGA always returns
100 on bits 2 through 0 and 0001 on bits 7 through 4.
Writing this register has no effect and the data is ignored.
Bits 2-0 - Reserved
These bits are reserved and are always 100.
Bit 3 - Bit 7 of PP Confg0
This bit reflects the value of bit 7 of the ECP PP Confg0
register (second level offset 05h), which has no specific
function. Whatever value is put in bit 7 of PP Confg0 will
appear in this bit.
This bit reflects a specific system configuration parame-
ter, as opposed to other devices, e.g., 8-bit data word
length.
Bit 7-4 - Reserved
These bits are reserved and are always 0001.
Reset
Required
Parallel Port FIFO
Register (CFIFO)
Offset 400h
Bits 7-5 of ECR = 010
76543210
0
0
0
0
0
0
0
0
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Data FIFO
Register (DFIFO)
Offset 400h
Bits 7-5 of ECR = 011
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
Test FIFO
Register (TFIFO)
Offset 400h
Bits 7-5 of ECR = 110
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
1
0
1
0
0
0
0
0
1
1
0
0
0
Configuration Register A
(CNFGA)
Offset 400h
Always 0
Always 0
Always 0
Bit 7 of PP Confg0
Bits 7-5 of ECR = 111
Always 0
Always 0
Always 1
Always 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com