Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 66Page - National Semiconductor (TI) PC87309 Datasheet HTML 67Page - National Semiconductor (TI) PC87309 Datasheet HTML 68Page - National Semiconductor (TI) PC87309 Datasheet HTML 69Page - National Semiconductor (TI) PC87309 Datasheet HTML 70Page - National Semiconductor (TI) PC87309 Datasheet HTML 71Page - National Semiconductor (TI) PC87309 Datasheet HTML 72Page - National Semiconductor (TI) PC87309 Datasheet HTML 73Page - National Semiconductor (TI) PC87309 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
70
www.national.com
SCAN LOW OR EQUAL
SCAN HIGH OR EQUAL
First through Eighth Command Phase Bytes -
All Scan Commands
See READ DATA command for a description of the first
eight command phase bytes.
Ninth Command Phase Byte, Sector Step Size
During execution, the value of this byte is added to the cur-
rent sector number to determine the next sector to read.
Execution Phase
The most significant bytes of each sector are compared
first. If wildcard mode is enabled in bit 4 of the fourth com-
mand phase byte in the MODE command ( "Bit 4 - Scan
Wild Card (WLD)" on page 61), a value of FFh from either
the disk or the microprocessor always causes a match.
After each sector is read, if there is no match, the next sec-
tor is read. The next sector is the current sector number plus
the Sector Step Size specified in the ninth command phase
byte.
The scan operation continues until the condition is met, the
End of Track (EOT) is reached or the Terminal Count (TC)
signal becomes active.
Read error conditions during scan commands are the same
as read error conditions during the execution phase of the
READ DATA command. See Section 3.7.10 on page 64.
If the Skip Control (SK) bit is set to 1, sectors with deleted
data marks are ignored.
If all sectors read are skipped, the command terminates
with bit 3 of ST2 set to 1, i.e., disk data equals microproces-
sor data.
Result Phase
TABLE 3-20 shows how all the scan commands affect bits
3,2 of the Status 2 (ST2) result phase register. See Section
3.5.3 on page 49.
TABLE 3-20. The Effect of Scan Commands on the ST2
Register
3.7.17
The SEEK Command
The SEEK command issues pulses of the STEP signal to
the selected drive, to move it in or out until the desired track
number is reached.
Software should ensure that the SEEK command is issued
for only one drive at a time. This is because the drives are
actually selected via the Digital Output Register (DOR),
which can only select one drive at a time. See Section 3.3.3
on page 39.
No command, except a SENSE INTERRUPT command,
should be issued while a SEEK command is in progress.
76543210
MT
MFM
SK
11001
IPS
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sector Step Size
76543210
MT
MFM
SK
11101
IPS
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Sector Step Size
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
Command
Result Phase Status
Register 2 (ST2)
Condition
Bit 3 - Scan
Satisfied
Bit 2 - Scan
Not Satisfied
SCAN
EQUAL
1
0
0
1
Disk =
µP
Disk
≠µP
SCAN LOW
OR EQUAL
1
0
0
0
0
1
Disk =
µP
Disk <
µP
Disk >
µP
SCAN HIGH
OR EQUAL
1
0
0
0
0
1
Disk =
µP
Disk >
µP
Disk <
µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com