Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87309 Datasheet HTML 1Page - National Semiconductor (TI) PC87309 Datasheet HTML 2Page - National Semiconductor (TI) PC87309 Datasheet HTML 3Page - National Semiconductor (TI) PC87309 Datasheet HTML 4Page - National Semiconductor (TI) PC87309 Datasheet HTML 5Page - National Semiconductor (TI) PC87309 Datasheet HTML 6Page - National Semiconductor (TI) PC87309 Datasheet HTML 7Page - National Semiconductor (TI) PC87309 Datasheet HTML 8Page - National Semiconductor (TI) PC87309 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
4
Table of Contents
www.national.com
Table of Contents
Highlights....................................................................................................................................................... 1
1.0
Signal/Pin Connection and Description
1.1
CONNECTION DIAGRAM ......................................................................................................... 12
1.2
SIGNAL/PIN DESCRIPTIONS ................................................................................................... 13
2.0
Configuration
2.1
HARDWARE CONFIGURATION ............................................................................................... 19
2.1.1
Wake Up Options ........................................................................................................ 19
2.1.2
The Index and Data Register Pair ............................................................................... 19
2.2
SOFTWARE CONFIGURATION ............................................................................................... 20
2.2.1
Accessing the Configuration Registers ........................................................................ 20
2.2.2
Address Decoding ....................................................................................................... 20
2.3
THE CONFIGURATION REGISTERS ....................................................................................... 21
2.3.1
Standard Plug and Play (PnP) Register Definitions .................................................... 21
2.3.2
Configuration Register Summary ................................................................................ 25
2.4
CARD CONTROL REGISTERS ................................................................................................ 28
2.4.1
SID Register ................................................................................................................ 28
2.4.2
SuperI/O Configuration 1 Register (SIOCF1) .............................................................. 28
2.4.3
SuperI/O Configuration 2 Register (SIOCF2) .............................................................. 29
2.4.4
SRID Register .............................................................................................................. 29
2.5
FDC CONFIGURATION REGISTERS (LOGICAL DEVICE 0) .................................................. 30
2.5.1
SuperI/O FDC Configuration Register ......................................................................... 30
2.5.2
Drive ID Register ......................................................................................................... 30
2.6
SUPERI/O PARALLEL PORT CONFIGURATION REGISTER (LOGICAL DEVICE 1) ............. 30
2.7
SUPERI/O UART2 AND INFRARED CONFIGURATION REGISTER (LOGICAL DEVICE 2) .. 31
2.8
SUPERI/O UART1 CONFIGURATION REGISTER (LOGICAL DEVICE 3) .............................. 32
2.9
SUPERI/O KBC CONFIGURATION REGISTER (LOGICAL DEVICE 6) .................................. 32
2.10
CONFIGURATION REGISTER BITMAPS ................................................................................ 32
3.0
The Floppy Disk Controller (FDC) (Logical Device 0)
3.1
FDC FUNCTIONS ..................................................................................................................... 34
3.1.1
Microprocessor Interface ............................................................................................. 34
3.1.2
System Operation Modes ............................................................................................ 34
3.2
DATA TRANSFER ..................................................................................................................... 35
3.2.1
Data Rates ................................................................................................................... 35
3.2.2
The Data Separator ..................................................................................................... 35
3.2.3
Perpendicular Recording Mode Support ..................................................................... 36
3.2.4
Data Rate Selection ..................................................................................................... 36
3.2.5
Write Precompensation ............................................................................................... 37
3.2.6
FDC Low-Power Mode Logic ....................................................................................... 37
3.2.7
Reset ........................................................................................................................... 37
3.3
THE REGISTERS OF THE FDC ............................................................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com