Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 15Page - National Semiconductor (TI) PC87309 Datasheet HTML 16Page - National Semiconductor (TI) PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) PC87309 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
Configuration
19
www.national.com
2.0
Configuration
The PC87309VLJ is partially configured by hardware, dur-
ing reset. The configuration can also be changed by soft-
ware, by changing the values of the configuration registers.
The configuration registers are accessed using an Index
register and a Data register. During reset, hardware strap-
ping options define the addresses of the configuration reg-
isters. See Section 2.1.2 "The Index and Data Register
Pair".
After the Index and Data register pair have determined the
addresses of the configuration registers, the addresses of
the Index and Data registers can be changed within the ISA
I/O address space, and a 11-bit programmable register con-
trols references to their addresses and to the addresses of
the other registers.
This chapter describes the hardware and software configu-
ration processes. For each, it describes configuration of the
Index and Data register pair first. See Sections 2.1 "HARD-
WARE CONFIGURATION" and 2.2 "SOFTWARE CON-
FIGURATION" on page 20.
Section 2.3 "THE CONFIGURATION REGISTERS" on
page 21 presents an overview of the configuration registers
of the PC87309VLJ and describes each in detail.
2.1
HARDWARE CONFIGURATION
The PC87309VLJ Hardware Cofiguration is based on three
strap-pins: BADDR0, BADDR1 and CFG0.
The PC87309VLJ wakes up with the KBC active (enabled)
and all the other logical devices wake up inactive (disabled).
This is always true and is not affected by strapping.
Clock source is 48MHz, fed via CLKIN.
2.1.1
Wake Up Options
The PC87309VLJ supports three available Wake Up Op-
tions:
q
Full PnP ISA with Full-IR mode.
q
PnP Motherboard with Full-IR mode.
q
PnP Motherboard with Two-UART mode.
TABLE 2-1 "Strap Pins and Base Addresses" on page 20
shows the strap pins and their applicable wake up options.
The three available wake up options are a combination of
the four basic modes which are determined by three strap-
pins during reset:
BADDR0 and BADDR1 strap-pins select one of two basic
modes.
q
Full PnP ISA mode – System wakes up in Wait for Key
state. (Not available when in Two-UART mode - see
CFG0 in TABLE 2-1).
Index and Data register addresses are as defined in the
“Plug and Play ISA Specification, Version 1.0a, May 5,
1994.”
q
PnP Motherboard mode – system wakes up in Config
state.
The BIOS configures the PC87309VLJ. Index and Data
register addresses are different from the addresses of
the PnP Index and Data registers. Configuration regis-
ters can be accessed as if the serial isolation procedure
had already been done, and the PC87309VLJ is select-
ed.
The BIOS may switch the addresses of the Index and
Data registers to the PnP ISA addresses of the Index
and Data registers, by using software to modify the base
address bits, as shown in Section 2.4.3 on page 29.
CFG0 strap-pin selects between the following two modes:
q
Mode 1: Full-IR Mode
UART1 works as UART; UART2 works as fully IR-
compliant device
q
Mode 2: Two-UART Mode
Either both UART1 and UART2 work as UARTs, or
UART 1 works as UART and UART2 works as partially
IR-compliant device, providing only IRRX and IRTX
support
2.1.2
The Index and Data Register Pair
During reset, a hardware strapping option on the BADDR0
and BADDR1 pins defines an address for the Index and
Data Register pair.
TABLE 2-1 "Strap Pins and Base Addresses" shows the
base addresses for the Index and Data registers that hard-
ware sets for each combination of values of the Base Ad-
dress strap pins (BADDR0 and BADDR1). You can access
and change the content of the configuration registers at any
time, as long as the base addresses of the Index and Data
registers are defined.
When BADDR1 is low (0), the PnP protocol defines the ad-
dresses of the Index and Data register, and the system
wakes up from reset in the Wait for Key state.
When BADDR1 is high (1), the addresses of the Index and
Data register are according to TABLE 2-1 "Strap Pins and
Base Addresses", and the system wakes up from reset in
the Config state.
This configures the PC87309VLJ with default values, auto-
matically, without software intervention. After reset, use
software as described in Section 2.2 "SOFTWARE CON-
FIGURATION" on page 20 to modify the selected base ad-
dress of the Index and Data register pair, and the defaults
for configuration registers.
The PnP soft reset has no effect on the logical devices, ex-
cept for the effect of the Activate registers (index 30h) in
each logical device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com