Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 17Page - National Semiconductor (TI) PC87309 Datasheet HTML 18Page - National Semiconductor (TI) PC87309 Datasheet HTML 19Page - National Semiconductor (TI) PC87309 Datasheet HTML 20Page - National Semiconductor (TI) PC87309 Datasheet HTML 21Page - National Semiconductor (TI) PC87309 Datasheet HTML 22Page - National Semiconductor (TI) PC87309 Datasheet HTML 23Page - National Semiconductor (TI) PC87309 Datasheet HTML 24Page - National Semiconductor (TI) PC87309 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
Configuration
21
www.national.com
TABLE 2-3. Parallel Port Address Range Allocation
a. The SuperI/O processor does not decode the Parallel Port outside this range.
A15-11 are read only 0 in all base address registers. To en-
sure full 16-bit decoding as required by PC95/PC97, you
must externally decode A15-11 (in Two-UART mode) or
A15-12 (in Full-IR mode), and drive them via AEN as shown
below:
q
In Two-UART mode (A11 not available)
AEN<=(AEN|A11|A12|A13|A14|A15)
where | = logical OR
q
In Full-IR mode (A11 available on pin 93)
AEN<=(AEN|A12|A13|A14|A15)
where | = logical OR
2.3
THE CONFIGURATION REGISTERS
The configuration registers control the setup of the
PC87309VLJ. Their major functions are to:
q
Identify the chip
q
Enable major functions (such as, the Keyboard Control-
ler (KBC) for the keyboard and the mouse, the Floppy
Disc Controller (FDC), UARTs, parallel and general pur-
pose ports, power management and pin functionality)
q
Define the I/O addresses of these functions
q
Define the status of these functions upon reset
Section 2.3.2 "Configuration Register Summary" on page
25 summarizes information for each register of each func-
tion. In addition, the following non-standard, or card control,
registers are described in detail, in Section 2.4 "CARD
CONTROL REGISTERS" on page 28.
q
Card Control Registers
— SID Register
— SuperI/O Configuration 1 Register (SIOCF1)
— SuperI/O Configuration 2 Register (SIOCF2)
— SRID Register
— NSC-Test Register
q
FDC Configuration Registers (Logical Device 0)
— SuperI/O FDC Configuration Register
— Drive ID Register
q
SuperI/O Parallel Port Configuration Register (Logical
Device 1)
q
SuperI/O UART2 and Infrared Configuration Register
(Logical Device 2)
q
SuperI/O UART1 Configuration Register (Logical De-
vice 3)
q
SuperI/O KBC Configuration Register (Logical Device 6)
2.3.1
Standard Plug and Play (PnP) Register Definitions
TABLES 2-4 through 2-9 describe the standard PnP regis-
ters. For more detailed information on these registers,
refer the
“Plug and Play ISA Specification, Version 1.0a,
May 5, 1994”
Parallel Port Mode
SuperI/O Parallel Port
Configuration Register Bits
7
6
5
4
Decoded Range a
SPP
0
0
x
x
Three registers, from base (address) to base + 02h
EPP (Non IEEE1284 Mode 4)
0
1
x
x
Eight registers, from base to base + 07h
IEEE1284, No Mode 4,
No Internal Configuration
1
0
0
0
Six registers, from base to base + 02h and from
base + 400h to base + 402h
IEEE1284 with Mode 4,
No Internal Configuration
1
1
1
0
11 registers, from base to base + 07h and from
base + 400h to base + 402h
IEEE1284 with Mode 4,
Configuration within Parallel Port
1
0
0
1
or
1
1
1
1
16 registers, from base to base + 07h and from
base + 400h to base + 407h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com