Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 39Page - National Semiconductor (TI) PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) PC87309 Datasheet HTML 43Page - National Semiconductor (TI) PC87309 Datasheet HTML 44Page - National Semiconductor (TI) PC87309 Datasheet HTML 45Page - National Semiconductor (TI) PC87309 Datasheet HTML 46Page - National Semiconductor (TI) PC87309 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
43
www.national.com
3.3.6
Data Rate Select Register (DSR)
This write-only register is used to program the data transfer
rate, amount of write precompensation, power down mode,
and software reset.
The data transfer rate is programmed via the CCR, not the
DSR, for PC-AT, PS/2 and MicroChannel applications. Oth-
er applications can set the data transfer rate in the DSR.
The data rate of the floppy controller is determined by the
most recent write to either the DSR or CCR.
The DSR is unaffected by a software reset. A hardware re-
set sets the DSR to 02h, which corresponds to the default
precompensation setting and a data transfer rate of 250
Kbps.
Bits 1,0 - Data Transfer Rate Select
These bits determine the data transfer rate for the Flop-
py Disk Controller (FDC), depending on the supported
speeds. TABLE 3-5 shows the data transfer rate select-
ed by each value of this field.
These bits are unaffected by a software reset, and are
set to 10 (250 Kbps) after a hardware reset.
TABLE 3-5. Data Transfer Rate Encoding
Bits 4-2 - Precompensation Delay Select
This field sets the write precompensation delay that the
Floppy Disk Controller (FDC) imposes on the WDATA
disk interface output signal, depending on the supported
speeds. TABLE shows the delay for each value of this
field.
In most cases, the default delays shown in TABLE 3-7
are adequate. However, alternate values may be used
for specific drive and media types.
Track 0 is the default starting track number for precom-
pensation. The starting track number can be changed
using the CONFIGURE command.
TABLE 3-6. Write Precompensation Delays
TABLE 3-7. Default Precompensation Delays
Bit 5 - Undefined
Should be set to 0.
Bit 6 - Low Power
This bit triggers a manual power down of the FDC in
which the clock and data separator circuits are turned
off. A manual power down can also be triggered by the
MODE command.
After a manual power down, the FDC returns to normal
power after a software reset, or an access to the Data
Register (FIFO) or the Main Status Register (MSR).
0: Normal power.
1: Trigger power down.
Bit 7 - Software Reset
This bit controls the same kind of software reset of the
FDC as bit 2 of the Digital Output Register (DOR). The
difference is that this bit is automatically cleared to 0 (no
reset) 100 nsec after it was set to 1.
See also “Bit 2 - Reset Controller” on page 40.
0: No reset. (Default)
1: Reset.
3.3.7
Data Register (FIFO)
The Data Register of the FDC is a read/write register that is
used to transfer all commands, data and status information
between the microprocessor and the FDC.
During the command phase, the microprocessor writes
command bytes into the Data Register after polling the
RQM (bit 7) and DIO (bit 6) bits in the MSR. During the re-
sult phase, the microprocessor reads result bytes from the
Data Register after polling the RQM and DIO bits in the
MSR.
DSR Bits
Data Transfer Rate
10
0
0
500 Kbps
0
1
300 Kbps
1
0
250 Kbps
1
1
1 Mbps
76543210
Reset
Required
0
1
0
0
0
0
0
0
Data Rate Select
Register (DSR)
Offset 04h
Precompensation Delay Select
Undefined
Low Power
Software Reset
Data Transfer Rate Select
Write Operations
DSR Bits
Duration of Delay
432
0
0
0
Default (TABLE 3-7)
0
0
1
41.7 nsec
0
1
0
83.3 nsec
0
1
1
125.0 nsec
1
0
0
166.7 nsec
1
0
1
208.3 nsec
1
1
0
250.0 nsec
1
1
1
0.0 nsec
Data Rate
Precompensation Delay
1 Mbps
41.7 nsec
500 Kbps
125.0 nsec
300 Kbps
125.0 nsec
250 Kbps
125.0 nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com