Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics STLED524 Datasheet HTML 54Page - STMicroelectronics STLED524 Datasheet HTML 55Page - STMicroelectronics STLED524 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Blanking
time
15h
--
-
-
-
BLK[2:0]
0
0
00
0
000
-
-
-
-
-
R/W
R/W
R/W
Boost
control
16h
BSTEN
-
-
-
VOUT[3:0]
0
-
-
-
1
010
R/W
-
-
-
R/W
R/W
R/W
R/W
Section B:
Display
visual
control
20h
-
-
BRCEN
WAITEN
SLPEN
SCRLEN
PWMEN
DISPSIZE
0
0
00
0
000
-
-
R/W
R/W
R/W
R/W
R/W
R/W
PWM
control
21h
PWM[7:0]
0
0
00
0
000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Section C: these settings should be applied when scroll is not active (EOSCR = 1)
Scroll
control 1
30h
SCLSPD[5:0]
SCRL_DIR[1:0]
0
0
00
0
000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Scroll
control 2
31h
BLNK_R[2:0]
BLNK_C[4:0]
0
0
00
0
000
W
W
WW
W
W
WW
Scroll
control 3
32h
-
-
WAIT[2:0]
0
0
00
0
000
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Table 54. List of control registers (continued)
Name
Add
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com