Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 28Page - STMicroelectronics STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Detailed description
STLED524
32/72
DocID026217 Rev 1
4.7
Scrolling
The STLED524 has built-in function of 4-way scroll of the display content. The scroll speed
can be defined in 8 steps. Blank rows or columns can be added to patterns to improve
readability during scrolling and a wait loop with adjustable duration can be performed at the
end of scroll to let reader read the display content.
4.7.1
Scroll control registers
SCRSPD[5:0] scroll speed register fixes the speed according to which the content of the
display is scrolled.
Table 36 shows duration of one scroll step according to SCRSPD[5:0] value.
SCRSPD settings can be updated only when scroll is disabled.
Table 35. Scroll control register 1
Scroll control 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 30h
SCRSPD[5:0]
DIR1
DIR0
Default
0
000
000
0
Table 36. Scroll speed
1 step duration
SCLSPD[5:0]
[TFRAME][ms]
(1)
1.
When the internal clock is used.
03
12.8
17
29.9
211
46.9
……
N
N x 4 + 3
(N x 4 + 3) x 10.24/2.4
……
62
252
1075
63
255
1088
Table 37. Scroll direction
DIR1
DIR0
Direction
0
0
Left
0
1
Right
10
Down
11
Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com