Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 47Page - STMicroelectronics STLED524 Datasheet HTML 48Page - STMicroelectronics STLED524 Datasheet HTML 49Page - STMicroelectronics STLED524 Datasheet HTML 50Page - STMicroelectronics STLED524 Datasheet HTML 51Page - STMicroelectronics STLED524 Datasheet HTML 52Page - STMicroelectronics STLED524 Datasheet HTML 53Page - STMicroelectronics STLED524 Datasheet HTML 54Page - STMicroelectronics STLED524 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
5
List of control registers
Table 54. List of control registers
Name
Add
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Software
control
00h
SWRST
-
-
-
-
CLR2
CLR1
EN
0
0
00
0
000
ACLR
-
-
-
-
ACLR
ACLR
R/W
Display
control
01h
-
-
-
-
-
-
DISP2
DISP1
0
0
00
0
000
--
-
-
-
-
R/W
R/W
Section A: these settings should be applied with EN=0
Clock
10h
-
-
-
REFSEL
SYNCSEL
SYNCEN
CLKIN
CLKOUT
0
0
00
0
000
-
-
-
R/W
R/W
R/W
R/W
R/W
Column
control 1
11h
COL7EN
COL6EN
COL5EN
COL4EN
COL3EN
COL2EN
COL1EN
COL0EN
1
1
11
1
111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Column
control 2
12h
COL15EN
COL14EN
COL13EN
COL12EN
COL11EN
COL10EN
COL9EN
COL8EN
1
1
11
1
111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Column
control 3
13h
COL23EN
COL22EN
COL21EN
COL20EN
COL19EN
COL18EN
COL17EN
COL16EN
1
1
11
1
111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Row
control
14h
-
-
-
ROW4EN
ROW3EN
ROW2EN
ROW1EN
ROW0EN
0
0
01
1
111
-
-
-
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com