Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics STLED524 Datasheet HTML 37Page - STMicroelectronics STLED524 Datasheet HTML 38Page - STMicroelectronics STLED524 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
DocID026217 Rev 1
35/72
STLED524
Detailed description
4.7.3
Scroll possibilities
The display content scroll is enabled, if SCRLEN bit in the display visual control register is
set to 1. If this bit is 1 and new value of DISP bits (DISP1 and DISP2) is written through SPI,
scroll operation starts. The type of scroll operation is defined by the content of scroll control
registers.
Blank rows or columns can be inserted between two patterns during the scroll operation.
These blank rows/columns are inserted by the logic of the driver automatically, so they are
not part of patterns. The number of blank rows/columns can be set by the scroll control
register 2. The insertion of blank rows/columns is enabled, when BRCEN bit in the display
visual control register is set to 1.
Table 44 contains all possible types of scroll operations. X Y expression means that the
display content is X and when the scroll operation is over, it is Y. All possibilities listed below
are valid for all directions. DISP (act) is the value of DISP bits. DISP (new) is the new value
of these bits written through SPI.
There are two interrupts related to the scroll operation. These are EOSCR (end of scroll)
and step. This interrupt is generated at the end of scroll operation (when the new pattern is
visible). The end of step interrupt is generated after each scroll step. It is useful to read the
scroll step register value, when this interrupt is detected. It gives the microcontroller
information about the position of the pattern on the display.
If WAITEN bit in the display visual control register is set, the end of scroll interrupt is delayed
by the wait time given by the value of the scroll control 3 register.
Columns from 20 to 23 can be locked during the scroll operation. These locked columns do
not move during scroll operation. Their content is always stored in pattern 1 register.
DISPSIZE bit, in the display visual control register, has to be set to 1 to lock columns from
20 to 23. If this bit is set to 0, columns from 20 to 23 scroll in the same way as the rest of the
display. If DISPSIZE bit is set to 1, the number of scroll steps is limited to 20 in horizontal
direction (if no blank column is inserted). The number of steps in vertical direction is not
affected.
Table 46. List of all scroll operations
DISP (act)
DISP (new)
BRCEN
00
00
0
B
→ B
00
01
0
B
→ P1
00
10
0
B
→ P2
01
00
0
P1
→ B
01
01
0
P1
→ P1 (rotation)
01
10
0
P1
→ P2
10
00
0
P2
→ B
10
01
0
P2
→ P1
10
10
0
P2
→ P2 (rotation)
00
00
1
B
→ Brc →B
00
01
1
B
→ Brc → P1
00
10
1
B
→ Brc → P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com