Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 1 Page - STMicroelectronics

  STLED524 Datasheet HTML 1Page - STMicroelectronics STLED524 Datasheet HTML 2Page - STMicroelectronics STLED524 Datasheet HTML 3Page - STMicroelectronics STLED524 Datasheet HTML 4Page - STMicroelectronics STLED524 Datasheet HTML 5Page - STMicroelectronics STLED524 Datasheet HTML 6Page - STMicroelectronics STLED524 Datasheet HTML 7Page - STMicroelectronics STLED524 Datasheet HTML 8Page - STMicroelectronics STLED524 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2014
DocID026217 Rev 1
1/72
72
STLED524
Intelligent matrix LED display driver
Datasheet
- preliminary data
Features
• Operating input voltage range from 2.7 V to
5.5 V
• 5x24 LED matrix driver
• Adjustable luminance separately for each LED
thanks to internal registers in 255 steps
• Internal registers store 2 patterns
• 4-way scroll function with the possibility to lock
column data
• PWM dimming in 255 steps
• Adjustable blanking time
• Automatic slope function
• Cycle time and slope time adjustable for each
dot separately
• SPI interface
• Integrated step-up converter with adjustable
output voltage
• Integrated LDO with 3.1 V output @ 80 mA
• Boost efficiency 92% at 350 mA
• 2.4 MHz switching frequency
• CSP 56 bumps 0.4 mm pitch 3.4x3.0 mm
Applications
• Appliance user interfaces
• Display driver for handheld units
Description
The STLED524 is a 5x24 dot matrix LED display
driver. It can drive each dot with a current up to 20
mA. Rows of the matrix are multiplexed. Each
LED in a row is driven by a separate low-side
current mirror. Current regulators are supplied by
an integrated boost DC-DC converter. Its output
voltage can be adjusted by the internal register to
optimize efficiency according to the type of LEDs
(their forward voltage). This reduces current
mirror power dissipation and improves overall
efficiency. The STLED524 also includes an
internal LDO regulator, which can provide a
supply voltage for an additional circuitry.
Maximum current, provided by each current
mirror, is adjusted by RSET resistor. Current of
each LED (dot) can be dimmed in 255 steps due
to settings of internal registers.
The STLED524 features PWM dimming in 255
steps. Automatic slope function is also supported.
Cycle time and slope time can be adjusted for
each LED (dot) separately.
Two patterns can be stored in internal registers.
The automatic scrolling of the display content is
possible in 4 ways.
CSP 56 bumps 0.4 mm pitch 3.4x3.0 mm
Table 1. Device summary
Order code
Package
Packaging
STLED524
CSP
Tape and reel
www.st.com


Similar Part No. - STLED524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
5 channels step-up white LED driver
11-May-2012
STLED25JR STMICROELECTRONICS-STLED25JR Datasheet
2Mb / 30P
5 channels step-up white LED driver
11-May-2012
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316S STMICROELECTRONICS-STLED316S Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
More results

Similar Description - STLED524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
LED DOT MATRIX DISPLAY
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
LED DOT MATRIX DISPLAY
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
LED DOT MATRIX DISPLAY
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
LED DOT MATRIX DISPLAY
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
7x17(Max.) Dot Matrix LED Display Driver
BD26503GUL ROHM-BD26503GUL Datasheet
799Kb / 44P
7x17(Max ) Dot Matrix LED Display Driver
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
Dot Matrix Display LED
2019/2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com