Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 39Page - STMicroelectronics STLED524 Datasheet HTML 40Page - STMicroelectronics STLED524 Datasheet HTML 41Page - STMicroelectronics STLED524 Datasheet HTML 42Page - STMicroelectronics STLED524 Datasheet HTML 43Page - STMicroelectronics STLED524 Datasheet HTML 44Page - STMicroelectronics STLED524 Datasheet HTML 45Page - STMicroelectronics STLED524 Datasheet HTML 46Page - STMicroelectronics STLED524 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
DocID026217 Rev 1
43/72
STLED524
Detailed description
4.9.1
Command byte
4.9.2
Address byte
Writing to the address out of specified ranges is ignored.
The internal address register is incremented automatically when a byte is written or read.
When the address register reaches the end of the address range, it resets to 0.
Table 47. SPI commands
Value (hex)
Value (bin)
Meaning
00
00000000
Writing to control register memory
02
00000010
Writing to pattern 1 memory
04
00000100
Writing to pattern 2 memory
01
00000001
Reading from control register memory
03
00000011
Reading from pattern 1 memory
05
00000101
Reading from pattern 2 memory
Table 48. SPI values
Value (hex)
Value (bin)
Meaning
00
00000000
Writing to control register memory
02
00000010
Writing to pattern 1 memory
04
00000100
Writing to pattern 2 memory
01
00000001
Reading from control register memory
03
00000011
Reading from pattern 1 memory
05
00000101
Reading from pattern 2 memory
Table 49. SPI addresses
Address range (hex)
Memory
from
to
00
FF
Control registers
00
EF
Pattern 1
00
EF
Pattern 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com