Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 61Page - STMicroelectronics STLED524 Datasheet HTML 62Page - STMicroelectronics STLED524 Datasheet HTML 63Page - STMicroelectronics STLED524 Datasheet HTML 64Page - STMicroelectronics STLED524 Datasheet HTML 65Page - STMicroelectronics STLED524 Datasheet HTML 66Page - STMicroelectronics STLED524 Datasheet HTML 67Page - STMicroelectronics STLED524 Datasheet HTML 68Page - STMicroelectronics STLED524 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
DocID026217 Rev 1
65/72
STLED524
Application information
6.2
Operation examples
6.2.1
Example 6 - how to display patterns
Some patterns have already been written into pattern 1 and 2 memories as described in the
previous example. EN bit has to be set to 1 and DISP register value has to be set to 01 (for
pattern 1) or 10 (for pattern 2). EN bit is located in the software control register whose
address is 00h and DISP bits are located in the display control register whose address is
01h. As registers are located next to each other they can be written at once as it is shown in
Table 60 and Table 61.
Note:
Byte 1 represents SPI command to write to the control register memory. Byte 2 is the
address where the writing starts. Byte 3 contains data written to address 00h (software
control register). Byte 3 contains data written to address 01h (display control register).
6.2.2
Example 7 - how to enable slope operation
When slope operation is being activated, a pattern, containing non-zero slope data, has to
be used. Such patterns are in examples 1, 3 and 4. In example 2, pattern has all slope
data = 0. Let's suppose that a pattern with non-zero slope data has been already written into
pattern 1 memory. First of all, we enable slope operation by setting SLPEN bit to 1.
Byte 1 represents SPI command to write to the control register memory.
Byte 2 is the address where the writing starts.
Byte 3 contains data written to address 20h (display visual control register).
As per example 6, we display pattern 1 by writing data to Table 63 or pattern 2 by writing
data to Table 64 .
Table 60. SPI data to display pattern 1
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x01
Table 61. SPI data to display pattern 2
Byte index
1
2
3
4
Data
0x00
0x00
0x01
0x02
Table 62. SPI data to enable slope operation
Byte index
1
2
3
Data
0x00
0x20
0x08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com