Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 14Page - STMicroelectronics STLED524 Datasheet HTML 15Page - STMicroelectronics STLED524 Datasheet HTML 16Page - STMicroelectronics STLED524 Datasheet HTML 17Page - STMicroelectronics STLED524 Datasheet HTML 18Page - STMicroelectronics STLED524 Datasheet HTML 19Page - STMicroelectronics STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
Detailed description
STLED524
18/72
DocID026217 Rev 1
4.3
LED current setting
Although each current mirror can sink up to ~35 mA (that is more than test conditions), the
following conditions have to be met:
•
The sum of all current mirrors should not exceed 600 mA in bypass mode.
•
The sum of all current mirrors should not exceed 480 mA in boost mode.
•
If sum of all current mirrors exceeds test conditions, it may exceed the related
specifications. The device is not guaranteed to sink current greater than test
conditions.
Maximum current of all current mirrors can be adjusted by RSET resistor value according to
the following formula:
Equation 1
where: VSET = 1.25 V typically.
Current of each dot can be adjusted in its register, so each LED may have an independent
setting of current.
Current can be adjusted in 255 steps; 1 step represents approximately 0.392% of ILEDMAX.
Current settings are carried out by Dn_xx registers, where n is the pattern number and xx
are the coordinates of a dot in the matrix.
Table 9. Blanking time register
Blanking time
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 15h
-
-
-
-
-
BLK[2:0]
Default
-
-
---
0
0
0
Table 10. Impact of blanking time on the maximum PWM duty cycle
Blanking time
register value
Blanking time [TCLK]TRTCR [TCLK]TRTCF [TCLK] Max. PWM duty cycle
000
2
1
1
255/255
001
4
2
2
254/255
010
6
3
3
253/255
011
8
4
4
252/255
100
10
5
5
251/255
101
12
6
6
250/255
110
14
7
7
249/255
111
16
8
8
248/255
I
LEDMAX
V
SET
R
SET
--------------
400
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com