Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 29Page - STMicroelectronics STLED524 Datasheet HTML 30Page - STMicroelectronics STLED524 Datasheet HTML 31Page - STMicroelectronics STLED524 Datasheet HTML 32Page - STMicroelectronics STLED524 Datasheet HTML 33Page - STMicroelectronics STLED524 Datasheet HTML 34Page - STMicroelectronics STLED524 Datasheet HTML 35Page - STMicroelectronics STLED524 Datasheet HTML 36Page - STMicroelectronics STLED524 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
DocID026217 Rev 1
33/72
STLED524
Detailed description
DIR bits can be updated only when scroll is disabled.
BLNK_C[4:0] - blank column register. It defines the number of blank columns during
horizontal direction scroll (left/right). Maximum allowed value is 24. If the value is higher
than 24, 24 blank columns are inserted only. If DISPISIZE = 1, the maximum number of
blank columns is limited to 20.
BLNK_R[2:0] - blank row register. It defines the number of blank rows during vertical
direction scroll (up/down). Maximum allowed value is 5. If the value is higher than 5, 5 blank
rows can be only inserted.
Note:
This register cannot be read.
Scroll step register stores the number of scroll steps already fulfilled.
Table 38. Scroll control register 2
Scroll control 2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 31h
BLNK_R[2:0]
BLNK_C[4:0]
Default
0
0
0
0
0
0
0
0
Table 39. Scroll control register 3
Scroll control 3
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Add = 32h
-
-
WAIT[5:0]
Default
0
0
0
0
0
0
0
0
Table 40. Wait time during scroll operation
Wait time duration
WAIT[5:0]
[TFRAME][ms]
(1)
1.
When internal clock is used.
03
12.8
17
29.9
211
46.9
……
N
N x 4 + 3
(N x 4 + 3) x 2.56/0.6
……
62
252
1075
63
255
1088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com