Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED524 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLED524
Description  Intelligent matrix LED display driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED524 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLED524 Datasheet HTML 16Page - STMicroelectronics STLED524 Datasheet HTML 17Page - STMicroelectronics STLED524 Datasheet HTML 18Page - STMicroelectronics STLED524 Datasheet HTML 19Page - STMicroelectronics STLED524 Datasheet HTML 20Page - STMicroelectronics STLED524 Datasheet HTML 21Page - STMicroelectronics STLED524 Datasheet HTML 22Page - STMicroelectronics STLED524 Datasheet HTML 23Page - STMicroelectronics STLED524 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
Detailed description
STLED524
20/72
DocID026217 Rev 1
4.4.2
Display size
If DISPSIZE bit is set to 1, the content of columns 20-23 is always linked to pattern 1
regardless of the value of DISP bits. Columns 0-19 can still be used as a display, while
columns 20-23 can be used for other functions.
If DISPSIZE bit is set to 1, the content of pattern 2 is also limited to columns 0-19 only.
Columns 20-23 are not displayed during scrolling.
The minimum number of scroll steps in horizontal direction is reduced to 20, if DISPSIZE =
1.
Table 13. Register addresses in pattern 1
Address
Dimming register
Address
Slope and delay register
00h
D1_A0[7:0]
01h
P1CYCA0[1:0]
P1DLYA0[1:0]
02hh
D1_A1[7:0]
03h
P1CYCA1[1:0]
P1DLYA1[1:0]
……
EEh
D1_X4[7:0]
EFh
P1CYCX4[1:0]
P1DLYX4[1:0]
Table 14. Register addresses in pattern 2
Address
Dimming register
Address
Slope and delay register
00h
D2_A0[7:0]
01h
P2CYCA0[1:0]
P2DLYA0[1:0]
02h
D2_A1[7:0]
03h
P2CYCA1[1:0]
P2DLYA1[1:0]
……
EEh
D2_X4[7:0]
EFh
P2CYCX4[1:0]
P2DLYX4[1:0]
Table 15. Content of columns 20-23
DISP
DISPSIZE
COL 0-19
COL 20-23
00
0
Blank
Blank
01
0
Pattern 1
Pattern 1
10
0
Pattern 2
Pattern 2
00
1
Blank
Pattern 1
01
1
Pattern 1
Pattern 1
10
1
Pattern 2
Pattern 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com